Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C332MNTF18A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C332MNTF18A
Description  3.3V 2M x 18 Flowthrough SRAM with NTD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C332MNTF18A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C332MNTF18A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C332MNTF18A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C332MNTF18A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C332MNTF18A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C332MNTF18A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C332MNTF18A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C332MNTF18A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C332MNTF18A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C332MNTF18A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
®
AS7C332MNTF18A
12/23/04, v 1.2
Alliance Semiconductor
P. 4 of 18
Functional Description
The AS7C332MNTF18A family is a high performance CMOS 32 Mbit synchronous Static Random Access Memory (SRAM)
organized as 2,097,152 words × 18 bits and incorporates a LATE Write.
This variation of the 32Mb+ synchronous SRAM uses the No Turnaround Delay (NTD™) architecture, featuring an enhanced
write operation that improves bandwidth over flowthrough burst devices. In a normal flowthrough burst device, the write data,
command, and address are all applied to the device on the same clock edge. If a read command follows this write command,
the system must wait for one 'dead' cycle for valid data to become available. This dead cycle can significantly reduce overall
bandwidth for applications requiring random access or read-modify-write operations.
NTD™ devices use the memory bus more efficiently by introducing a write latency which matches the one-cycle flow-
through read latency. Write data is applied one cycle after the write command and address, allowing the read pipeline to clear.
With NTD™, write and read operations can be used in any order without producing dead bus cycle.
Assert R/W low to perform write cycles. Byte write enable controls write access to specific bytes, or can be tied low for full 18
bit writes. Write enable signals, along with the write address, are registered on a rising edge of the clock. Write data is applied
to the device one clock cycle later. Unlike some asynchronous SRAMs, output enable OE does not need to be toggled for write
operations; it can be tied low for normal operations. Outputs go to a high impedance state when the device is de-selected by
any of the three chip enable inputs.
Use the ADV (burst advance) input to perform burst read, write and deselect operations. When ADV is high, external addresses, chip
select, R/W pins are ignored, and internal address counters increment in the count sequence specified by the LBO control. Any
device operations, including burst, can be stalled using the CEN=1, the clock enable input.
The AS7C332MNTF18A operates with a 3.3V ± 5% power supply for the device core (VDD). DQ circuits use a separate
power supply (VDDQ) that operates across 3.3V or 2.5V ranges. These devices are available in a 100-pin TQFP package.
TQFP Capacitance
*Guaranteed not tested
TQFP thermal resistance
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN*
Address and control pins
Vin = 0V
5
pF
I/O capacitance
CI/O*
I/O pins
Vin = Vout = 0V
7
pF
Description
Symbol
Typical
Units
Conditions
Thermal resistance
(junction to ambient)1
1
This parameter is sampled.
1 layer
θJA
40
°C/W
Test conditions follow standard test
methods and procedures for
measuring thermal impedance, per
EIA/JESD51
4 layer
θJA
22
°C/W
Thermal resistance
(junction to top of case)1
θJC
8
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com