Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C332MPFD18A Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C332MPFD18A
Description  3.3V 2M x 18 pipelined burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C332MPFD18A Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C332MPFD18A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C332MPFD18A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C332MPFD18A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C332MPFD18A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C332MPFD18A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C332MPFD18A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C332MPFD18A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C332MPFD18A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C332MPFD18A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
2/10/05, v.1.1
Alliance Semiconductor
3 of 19
AS7C332MPFD18A
®
Pin assignment
100-pin TQFP - top view
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
TQFP 14 x 20mm
NC
NC
NC
VDDQ
VSSQ
NC
NC
DQb0
DQb1
VSSQ
VDDQ
DQb2
DQb3
NC
VDD
NC
VSS
DQb4
DQb5
VDDQ
VSSQ
DQb6
DQb7
DQPb
NC
VSSQ
VDDQ
NC
NC
NC
A
NC
NC
VDDQ
VSSQ
NC
DQPa
DQa7
DQa6
VSSQ
VDDQ
DQa5
DQa4
VSS
ZZ
DQa3
DQa2
VDDQ
VSSQ
DQa1
DQa0
NC
NC
VSSQ
VDDQ
NC
NC
NC
VDD
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com