Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEVKIT-MPC5748G Datasheet(PDF) 13 Page - NXP Semiconductors

Part # DEVKIT-MPC5748G
Description  Ultra-Reliable MCUs for Industrial and Automotive Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DEVKIT-MPC5748G Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button DEVKIT-MPC5748G Datasheet HTML 9Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 10Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 11Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 12Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 13Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 14Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 15Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 16Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
EXTERNAL USE
12
DEVKIT-MPC5748G Board : Communication Interfaces
1 of 2
LIN
CAN
FlexRay
LIN_0
DESCRIPTION
NAME
PIN
GND
P3-01
GND
P3-02
Connect to 12V
VBAT
P3-03
Port PB2 & PB3
LIN
P3-04
CAN_0
DESCRIPTION
NAME
PIN
Port PB0 & PB1
CANH
P5-01
CANL
P5-02
NC
P5-03
GND
P5-04
FlexRay_A
DESCRIPTION
NAME
PIN
FRA-DATA-A
P2_1
FRA-DATA-B
P2_2
FlexRay_A
DESCRIPTION
PORT
FR_A_TX
PC5
FR_A_TX_EN PE2
FR_A_RX
PE3
Note: LIN Physical Interface require 12V supply on pin P3-03
CAN termination resistor jumper:
Open = No resistor
Closed = 120Ohm
(Rev D only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com