Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS912B Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS912B
Description  Rail-to-rail CMOS dual operational amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS912B Datasheet HTML 13Page - STMicroelectronics TS912B Datasheet HTML 14Page - STMicroelectronics TS912B Datasheet HTML 15Page - STMicroelectronics TS912B Datasheet HTML 16Page - STMicroelectronics TS912B Datasheet HTML 17Page - STMicroelectronics TS912B Datasheet HTML 18Page - STMicroelectronics TS912B Datasheet HTML 19Page - STMicroelectronics TS912B Datasheet HTML 20Page - STMicroelectronics TS912B Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
TS912, TS912A, TS912B
Ordering information
Doc ID 2325 Rev 7
19/21
6
Ordering information
Table 8.
Order codes
Part number
Temperature
range
Package
Packing
Marking
TS912IN
-40 °C, +125 °C
DIP8
Tube
TS912IN
TS912AIN
TS912AIN
TS912ID
TS912IDT
SO-8
Tube or
tape and reel
912I
TS912AID
TS912AIDT
912AI
TS912BID
TS912BIDT
912BI
TS912IYDT(1)
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 and Q 002 or equivalent.
SO-8
(automotive grade level)
912IY
TS912AIYDT(1)
912AIY
TS912BIYDT(1)
912BY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com