Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS912A Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS912A
Description  Rail-to-rail CMOS dual operational amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS912A Datasheet HTML 7Page - STMicroelectronics TS912A Datasheet HTML 8Page - STMicroelectronics TS912A Datasheet HTML 9Page - STMicroelectronics TS912A Datasheet HTML 10Page - STMicroelectronics TS912A Datasheet HTML 11Page - STMicroelectronics TS912A Datasheet HTML 12Page - STMicroelectronics TS912A Datasheet HTML 13Page - STMicroelectronics TS912A Datasheet HTML 14Page - STMicroelectronics TS912A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TS912, TS912A, TS912B
Electrical characteristics
Doc ID 2325 Rev 7
11/21
Figure 2.
Supply current (each amplifier)
vs. supply voltage
Figure 3.
High level output voltage vs. high
level output current
(VCC = +5 V, VCC = +3 V)
Supply voltage
Output current
Figure 4.
Low level output voltage vs. low
level output current
(VCC = +3 V, VCC = +5 V)
Figure 5.
Input bias current vs. temperature
Output current
Temperature
Figure 6.
High level output voltage vs. high
level output current
(VCC = +16 V, VCC = +10 V)
Figure 7.
Low level output voltage vs. low
level output current
(VCC = 16 V, VCC = 10 V)
Output current
Output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com