Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP183 Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TLP183
Description  Photocouplers Infrared LED & Photo Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP183 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TLP183 Datasheet HTML 7Page - Toshiba Semiconductor TLP183 Datasheet HTML 8Page - Toshiba Semiconductor TLP183 Datasheet HTML 9Page - Toshiba Semiconductor TLP183 Datasheet HTML 10Page - Toshiba Semiconductor TLP183 Datasheet HTML 11Page - Toshiba Semiconductor TLP183 Datasheet HTML 12Page - Toshiba Semiconductor TLP183 Datasheet HTML 13Page - Toshiba Semiconductor TLP183 Datasheet HTML 14Page - Toshiba Semiconductor TLP183 Datasheet HTML 15Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TLP183
11
Table
Table
Table
Table 15.1
15.1
15.1
15.1 Insulation Related Specifications (Note)
Insulation Related Specifications (Note)
Insulation Related Specifications (Note)
Insulation Related Specifications (Note)
Insulation Related Parameters
Minimum creepage distance
Minimum clearance
Minimum insulation thickness
Comparative tracking index
Symbol
Cr
Cl
ti
CTI
TLP183
5.0 mm
5.0 mm
0.4 mm
175
Note:
This photocoupler is suitable for safe electrical isolation
safe electrical isolation
safe electrical isolation
safe electrical isolation only within the safety limit data.
Maintenance of the safety data shall be ensured by means of protective circuits.
Fig.
Fig.
Fig.
Fig. 15.2
15.2
15.2
15.2 Marking on packing for EN 60747
Marking on packing for EN 60747
Marking on packing for EN 60747
Marking on packing for EN 60747
Fig.
Fig.
Fig.
Fig. 15.3
15.3
15.3
15.3 Marking Example (Note)
Marking Example (Note)
Marking Example (Note)
Marking Example (Note)
Note:
The above marking is applied to the photocouplers that have been qualified according to option (V4) of EN 60747.
2019-11-18
Rev.7.0
©2016-2019
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com