Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-485LDRC9. Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # BB-485LDRC9.
Description  Industrial Isolated Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-485LDRC9. Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  BB-485LDRC9. Datasheet HTML 1Page - Advantech Co., Ltd. BB-485LDRC9. Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
Industrial Isolated Converter
Model 485LDRC9
MECHANICAL DIAGRAM
SPECIFICATIONS - continued
POWER
Connector
Terminal block
Voltage
10-30 VDC
Consumption
0.5 W
Source
External powering required
TERMINAL BLOCKS
Wire Size
24 to 14 AWG
Torque
4 kfg-cm
LED INDICATORS
Power (RED)
On when power applied
TD (RED)
Flashes when RS-422/485 data is transmitted
RD (RED)
Flashes when RS-422/485 data is received
ENCLOSURE
Material
Plastic
IP Rating
20
Dimensions
2.5 x 7.9 x 9.5 cm (1.0 x 3.1 x 3.7 in)
Mounting
35 mm DIN rail (panel mount adapter available)
pn#6577
Model 485LDRC9
2.50 cm
1.00 in
7.90 cm - 3.10 in
5.30 cm - 2.09 in
0.76 cm
0.299 in
2.50 cm
0.98 in
2.50 cm
0.98 in
7.897 cm
3.11 in
ENVIRONMENTAL
Operating Temperature
-40 to +80 °C (-40 to +176 °F)
Storage Temperature
-40 to +85 °C (-40 to +185 °F)
Operating Humidity
0 to 95% non-condensing
MTBF, 485LDRC9
257448 hours
MTBF Calculation Method MIL 217F Parts Count Reliability Prediction
APPROVALS / CERTIFICATIONS - 485LDRC9
cULus Recognized, File Number: E222870, NEMA TS2
2004/108/EC
Electromagnetic Compatibility Directive
2011/65/EU
Reduction of Hazardous Sustances Directive
EN 55022: +AC
Information technology equipment - Class A RF Emissions
EN 55024
Information technology equipment - Immunity
(Light-industrial Environments)
EN 61000-4-2
ESD Immunity
EN 61000-4-3: +A2
Radiated Field Immunity (RFI)
EN 61000-4-4
EFT/Burst Immunity
EN 61000-4-5
RF Conducted Immunity



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com