Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C1026B Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C1026B
Description  5 V 64K X 16 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1026B Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C1026B Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1026B Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1026B Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1026B Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1026B Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1026B Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1026B Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1026B Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1026B Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
®
AS7C1026B
3/26/04, v 1.3
Alliance Semiconductor
P. 2 of 10
Functional description
The AS7C1026B is a high-performance CMOS 1,048,576-bit Static Random Access Memory (SRAM) device organized as 65,536 words ×
16 bits. It is designed for memory applications where fast data access, low power, and simple interfacing are desired.
Equal address access and cycle times (tAA, tRC, tWC) of 10/12/15/20 ns with output enable access times (tOE) of 5, 6, 7, 8 ns are ideal for
high-performance applications.
When CE is high, the device enters standby mode. If inputs are still toggling, the device will consume ISB power. If the bus is static, then full
standby power is reached (ISB1). For example, the AS7C1026B is guaranteed not to exceed 55 mW under nominal full standby conditions.
A write cycle is accomplished by asserting write enable (WE) and chip enable (CE). Data on the input pins I/O0 through I/O15 is written on
the rising edge of WE (write cycle 1) or CE (write cycle 2). To avoid bus contention, external devices should drive I/O pins only after
outputs have been disabled with output enable (OE) or write enable (WE).
A read cycle is accomplished by asserting output enable (OE) and chip enable (CE) with write enable (WE) high. The chip drives I/O pins
with the data word referenced by the input address. When either chip enable or output enable is inactive or write enable is active, output
drivers stay in high-impedance mode.
The device provides multiple center power and ground pins, and separate byte enable controls, allowing individual bytes to be written and
read. LB controls the lower bits, I/O0 through I/O7, and UB controls the higher bits, I/O8 through I/O15.
All chip inputs and outputs are TTL-compatible, and operation is from a single 5 V supply. The device is packaged in common industry
standard packages.
Note: Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and func-
tional operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect reliability.
Key: H = high, L = low, X = don’t care.
Absolute maximum ratings
Parameter
Symbol
Min
Max
Unit
Voltage on VCC relative to GND
Vt1
–0.50
+7.0
V
Voltage on any pin relative to GND
Vt2
–0.50
VCC +0.50
V
Power dissipation
PD
–1.0
W
Storage temperature (plastic)
Tstg
–65
+150
°C
Ambient temperature with VCC
applied
Tbias
–55
+125
°C
DC current into outputs (low)
IOUT
–20
mA
Truth table
CE
WE
OE
LB
UB
I/O0–I/O7
I/O8–I/O15
Mode
H
XXXX
High Z
High Z
Standby (ISB), ISBI)
LHL
L
H
DOUT
High Z
Read I/O0–I/O7 (ICC)
LHLHL
High Z
DOUT
Read I/O8–I/O15 (ICC)
LHL
L
L
DOUT
DOUT
Read I/O0–I/O15 (ICC)
LL
X
L
L
DIN
DIN
Write I/O0–I/O15 (ICC)
LL
X
L
H
DIN
High Z
Write I/O0–I/O7 (ICC)
LL
X
H
L
High Z
DIN
Write I/O8–I/O15 (ICC)
L
L
H
X
H
X
X
H
X
H
High Z
High Z
Output disable (ICC)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com