Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8742GEDS/V Datasheet(PDF) 38 Page - Cirrus Logic

Part # WM8742GEDS/V
Description  24-bit 192 kHz DAC with Advanced Digital Filtering
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8742GEDS/V Datasheet(HTML) 38 Page - Cirrus Logic

Back Button WM8742GEDS/V Datasheet HTML 34Page - Cirrus Logic WM8742GEDS/V Datasheet HTML 35Page - Cirrus Logic WM8742GEDS/V Datasheet HTML 36Page - Cirrus Logic WM8742GEDS/V Datasheet HTML 37Page - Cirrus Logic WM8742GEDS/V Datasheet HTML 38Page - Cirrus Logic WM8742GEDS/V Datasheet HTML 39Page - Cirrus Logic WM8742GEDS/V Datasheet HTML 40Page - Cirrus Logic WM8742GEDS/V Datasheet HTML 41Page - Cirrus Logic WM8742GEDS/V Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
WM8742
38
Rev 4.4
NORMAL PCM MODE DIGITAL FILTER SELECTION
The WM8742 has a number of advanced digital filters that can be selected in all PCM operation
modes (with the exception of 8FS mode).
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6
Filter Control
06h
[2:0]
FIRSEL
000
Selects FIR1 filter response
000 = Response 1
001 = Response 2
010 = Response 3
011 = Response 4
100 = Response 5
Table 38 PCM Advanced Digital Filter Selection
Five digital filters are available for selection in each of the three OSR modes (low, medium and high
rate) as selected by the OSR bit described in Table 20. It is recommended that the device is muted
before the filter response is changed to prevent noise as the filters are reset from appearing on the
outputs. A summary of the filter characteristics is given in Table 39 below:
OSR
RESPONSE
NOTES
Low
1
Linear phase half-band filter for backward compatibility
2
Minimum phase ‘soft-knee’ filter
3
Minimum phase half-band filter
4
Linear phase apodising filter
5
Minimum phase apodising filter
Medium
1
Linear phase ‘soft-knee’ filter
2
Minimum phase ‘soft-knee’ filter
3
Linear phase ‘brickwall’ filter
4
Minimum phase apodising filter
5
Linear phase apodising filter
High
1
Linear phase ‘soft-knee’ filter
2
Minimum phase ‘soft-knee’ filter
3
Linear phase ‘brickwall’ filter
4
Minimum phase apodising filter
5
Linear phase apodising filter
Table 39 PCM Digital Filter Summary
For full details of the filter characteristics available in normal PCM mode, please see Table 64 to Table
66 and Figure 28 to Figure 57.
8FS MODE DIGITAL FILTER
In 8FS mode, the majority of the internal filters are bypassed. In this mode, the data is filtered using
only the filter characteristic described by Table 67 and shown in Figure 58 and Figure 59.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com