Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960 Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM8960
Description  Speaker and Headphone Drivers for Portable Audio Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8960 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM8960 Datasheet HTML 17Page - Cirrus Logic WM8960 Datasheet HTML 18Page - Cirrus Logic WM8960 Datasheet HTML 19Page - Cirrus Logic WM8960 Datasheet HTML 20Page - Cirrus Logic WM8960 Datasheet HTML 21Page - Cirrus Logic WM8960 Datasheet HTML 22Page - Cirrus Logic WM8960 Datasheet HTML 23Page - Cirrus Logic WM8960 Datasheet HTML 24Page - Cirrus Logic WM8960 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
WM8960
Rev 4.4
21
LINPUT2
(MIC+ or line input)
LINPUT1
(MIC- or single ended MIC)
VMID
-17.25dB to
+30dB
LINPUT3
(MIC+ or line input)
VMID
Bypass path
to left output
mixer
Left Input
PGA
LINVOL[5:0]
(or ALC-controlled)
LMP2
(Open when muted)
LMP3
(Open when muted)
LINMUTE
(Closed when LMP2=0 & LMP3=0,
or when muted)
LIN2BOOST[2:0]
LIN3BOOST[2:0]
(Open when
LIN2BOOST[2:0]=000)
(Open when
LIN2BOOST[2:0]=000)
LI2LOVOL[2:0]
(Open when
LI2LOVOL[2:0]=000)
AINL &
LMIC
enable
+
Left Boost
Mixer
to Left
ADC
AINL
enable
LMN1
(Open when muted)
LMIC2B
Left Boost Mixer is muted
automatically when
LIN2BOOST=000 &
LIN3BOOST=000 &
LMIC2B=0
(Open when
input PGA is in
single-ended
mode or unused)
LINVOL[5:0]
or ALC
LMICBOOST
[1:0]
RINPUT2
(MIC+ or line input)
RINPUT1
(MIC- or single ended MIC)
VMID
-17.25dB to
+30dB
RINPUT3
(MIC+ or line input)
VMID
Bypass path
to right
output mixer
Right Input
PGA
RINVOL[5:0]
(or ALC-controlled)
RMP2
(Open when muted)
RMP3
(Open when muted)
RINMUTE
(Closed when RMP2=0 & RMP3=0,
or when muted)
RIN2BOOST[2:0]
RIN3BOOST[2:0]
(Open when
RIN2BOOST[2:0]=000)
(Open when
RIN2BOOST[2:0]=000)
RI2ROVOL[2:0]
(Open when
RI2ROVOL[2:0]=000)
AINR &
RMIC
enable
+
Right Boost
Mixer
to Right
ADC
AINR
enable
RMN1
(Open when muted)
RMIC2B
Right Boost Mixer is
muted automatically when
RIN2BOOST=000 &
RIN3BOOST=000 &
RMIC2B=0
(Open when
input PGA is in
single-ended
mode or unused)
RINVOL[5:0]
or ALC
RMICBOOST
[1:0]
Figure 8 Microphone Input PGA Circuit
The input PGAs and boost mixers are enabled by the AINL and AINR register bits. The microphone
PGAs can be also be disabled independently of the boost mixer to save power, using LMIC and RMIC
register bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com