Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C1025B-10JC Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C1025B-10JC
Description  5V 128K X 8 CMOS SRAM (Center power and ground)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1025B-10JC Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C1025B-10JC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1025B-10JC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1025B-10JC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1025B-10JC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1025B-10JC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1025B-10JC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1025B-10JC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1025B-10JC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1025B-10JC Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AS7C1025B
3/26/04, v. 1.3
Alliance Semiconductor
P. 4 of 9
®
Key to switching waveforms
Read waveform 1 (address controlled)3,6,7,9
Read waveform 2 (CE and OE controlled)3,6,8,9
Read cycle (over the operating range)3,9
Parameter
Symbol
-10
-12
-15
-20
Unit
Notes
Min
Max
Min Max Min Max Min Max
Read cycle time
tRC
10
-
12
–
15
–
20
–
ns
Address access time
tAA
-
10
–
12
–
15
–
20
ns
3
Chip enable (CE) access time
tACE
-
10
–
12
–
15
–
20
ns
3
Output enable (OE) access time
tOE
-5
–
6
–
7
–
8
ns
Output hold from address change
tOH
3
-
3
–
3
–
3
–
ns
5
CE low to output in low Z
tCLZ
3
-
3
–
3
–
3
–
ns
4, 5
CE low to output in high Z
tCHZ
-
4
–
5
–
6
–
7
ns
4, 5
OE low to output in low Z
tOLZ
0
-
0
–
0
–
0
–
ns
4, 5
OE high to output in high Z
tOHZ
-
4
–
5
–
6
–
7
ns
4, 5
Power up time
tPU
0
-
0
–
0
–
0
–
ns
4, 5
Power down time
tPD
-
10
–
12
–
15
–
20
ns
4, 5
Undefined/don’t care
Falling input
Rising input
Address
DOUT
Data valid
tOH
tAA
tRC
current
Supply
OE
DOUT
tOE
tOLZ
tACE
tCHZ
tCLZ
tPU
tPD
ICC
ISB
50%
50%
Data valid
tRC1
CE
tOHZ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com