Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLE200NX Datasheet(PDF) 2 Page - Compex Systems Pte. Lte.

Part # WLE200NX
Description  Dual Band 2x2 MIMO 802.11n Mini PCIe Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPEX [Compex Systems Pte. Lte.]
Direct Link  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

WLE200NX Datasheet(HTML) 2 Page - Compex Systems Pte. Lte.

  WLE200NX Datasheet HTML 1Page - Compex Systems Pte. Lte. WLE200NX Datasheet HTML 2Page - Compex Systems Pte. Lte. WLE200NX Datasheet HTML 3Page - Compex Systems Pte. Lte. WLE200NX Datasheet HTML 4Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
wireless 11n modules
2
Compex Systems Pte Ltd | www.compex.com.sg | (+65) 6286 2086 | sales@compex.com.sg | Last Updated: 15/07/19 SL
Copyright © Compex Systems. All rights reserved. COMPEX and the COMPEX logo, are registered trademarks of Compex Systems Pte Ltd.
While every effort is made to ensure the information is accurate, Compex does not accept liability for any errors or mistakes that may arise.
All specifications are subject to change without notice.
RF Performance Table for 2.4GHz
Data Rate TX Power
(per chain)
TX Power
(2 chains) Tolerance
2.4GHz
802.11b
1Mbps
18dBm
21dBm
±2dB
2Mbps
18dBm
21dBm
±2dB
5.5Mbps
18dBm
21dBm
±2dB
11Mbps
18dBm
21dBm
±2dB
2.4GHz
802.11g
6Mbps
17dBm
20dBm
±2dB
9Mbps
17dBm
20dBm
±2dB
12Mbps
17dBm
20dBm
±2dB
18Mbps
17dBm
20dBm
±2dB
24Mbps
17dBm
20dBm
±2dB
36Mbps
17dBm
20dBm
±2dB
48Mbps
16dBm
19dBm
±2dB
54Mbps
15dBm
18dBm
±2dB
2.4GHz
802.11n
HT20
MCS 0
17dBm
20dBm
±2dB
MCS 1
17dBm
20dBm
±2dB
MCS 2
17dBm
20dBm
±2dB
MCS 3
17dBm
20dBm
±2dB
MCS 4
17dBm
20dBm
±2dB
MCS 5
17dBm
20dBm
±2dB
MCS 6
14dBm
17dBm
±2dB
MCS 7
10dBm
13dBm
±2dB
2.4GHz
802.11n
HT40
MCS 0
17dBm
20dBm
±2dB
MCS 1
17dBm
20dBm
±2dB
MCS 2
17dBm
20dBm
±2dB
MCS 3
17dBm
20dBm
±2dB
MCS 4
17dBm
20dBm
±2dB
MCS 5
17dBm
20dBm
±2dB
MCS 6
14dBm
17dBm
±2dB
MCS 7
9dBm
12dBm
±2dB
Data Rate
RX Specifications
Sensitivity
Tolerance
2.4GHz
802.11b
1Mbps
-94dBm
±2dB
2Mbps
-94dBm
±2dB
5.5Mbps
-94dBm
±2dB
11Mbps
-92dBm
±2dB
2.4GHz
802.11g
6Mbps
-94dBm
±2dB
9Mbps
-94dBm
±2dB
12Mbps
-93dBm
±2dB
18Mbps
-91dBm
±2dB
24Mbps
-87dBm
±2dB
36Mbps
-83dBm
±2dB
48Mbps
-81dBm
±2dB
54Mbps
-79dBm
±2dB
2.4GHz
802.11n
HT20
MCS 0
-94dBm
±2dB
MCS 1
-93dBm
±2dB
MCS 2
-91dBm
±2dB
MCS 3
-86dBm
±2dB
MCS 4
-84dBm
±2dB
MCS 5
-81dBm
±2dB
MCS 6
-78dBm
±2dB
MCS 7
-73dBm
±2dB
2.4GHz
802.11n
HT40
MCS 0
-90dBm
±2dB
MCS 1
-88dBm
±2dB
MCS 2
-86dBm
±2dB
MCS 3
-83dBm
±2dB
MCS 4
-80dBm
±2dB
MCS 5
-76dBm
±2dB
MCS 6
-74dBm
±2dB
MCS 7
-72dBm
±2dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com