Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLE600VX Datasheet(PDF) 2 Page - Compex Systems Pte. Lte.

Part # WLE600VX
Description  Dual Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPEX [Compex Systems Pte. Lte.]
Direct Link  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

WLE600VX Datasheet(HTML) 2 Page - Compex Systems Pte. Lte.

  WLE600VX Datasheet HTML 1Page - Compex Systems Pte. Lte. WLE600VX Datasheet HTML 2Page - Compex Systems Pte. Lte. WLE600VX Datasheet HTML 3Page - Compex Systems Pte. Lte. WLE600VX Datasheet HTML 4Page - Compex Systems Pte. Lte. WLE600VX Datasheet HTML 5Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
wireless 11ac modules
2
Compex Systems Pte Ltd | www.compex.com.sg | (+65) 6286 2086 | sales@compex.com.sg | Last Updated: 17/02/20 SL
Copyright © Compex Systems. All rights reserved. COMPEX and the COMPEX logo, are registered trademarks of Compex Systems Pte Ltd.
While every effort is made to ensure the information is accurate, Compex does not accept liability for any errors or mistakes that may arise.
All specifications are subject to change without notice.
RF Performance Table
Data Rate TX Power
(per chain)
TX Power
(2 chains) Tolerance
2.4GHz
802.11b
1Mbps
20dBm
23dBm
±2dB
2Mbps
20dBm
23dBm
±2dB
5.5Mbps
20dBm
23dBm
±2dB
11Mbps
20dBm
23dBm
±2dB
2.4GHz
802.11g
6Mbps
21dBm
24dBm
±2dB
9Mbps
21dBm
24dBm
±2dB
12Mbps
21dBm
24dBm
±2dB
18Mbps
21dBm
24dBm
±2dB
24Mbps
21dBm
24dBm
±2dB
36Mbps
20dBm
23dBm
±2dB
48Mbps
19dBm
22dBm
±2dB
54Mbps
18dBm
21dBm
±2dB
2.4GHz
802.11n
HT20
MCS 0
21dBm
24dBm
±2dB
MCS 1
21dBm
24dBm
±2dB
MCS 2
21dBm
24dBm
±2dB
MCS 3
20dBm
23dBm
±2dB
MCS 4
20dBm
23dBm
±2dB
MCS 5
20dBm
23dBm
±2dB
MCS 6
18dBm
21dBm
±2dB
MCS 7
16dBm
19dBm
±2dB
2.4GHz
802.11n
HT40
MCS 0
20dBm
23dBm
±2dB
MCS 1
20dBm
23dBm
±2dB
MCS 2
20dBm
23dBm
±2dB
MCS 3
19dBm
22dBm
±2dB
MCS 4
19dBm
22dBm
±2dB
MCS 5
19dBm
22dBm
±2dB
MCS 6
18dBm
21dBm
±2dB
MCS 7
16dBm
19dBm
±2dB
Data Rate
RX Specifications
Sensitivity
Tolerance
2.4GHz
802.11b
1Mbps
-95dBm
±2dB
2Mbps
-94dBm
±2dB
5.5Mbps
-92dBm
±2dB
11Mbps
-90dBm
±2dB
2.4GHz
802.11g
6Mbps
-94dBm
±2dB
9Mbps
-93dBm
±2dB
12Mbps
-92dBm
±2dB
18Mbps
-90dBm
±2dB
24Mbps
-88dBm
±2dB
36Mbps
-85dBm
±2dB
48Mbps
-81dBm
±2dB
54Mbps
-80dBm
±2dB
2.4GHz
802.11n
HT20
MCS 0
-93dBm
±2dB
MCS 1
-91dBm
±2dB
MCS 2
-89dBm
±2dB
MCS 3
-84dBm
±2dB
MCS 4
-83dBm
±2dB
MCS 5
-78dBm
±2dB
MCS 6
-78dBm
±2dB
MCS 7
-76dBm
±2dB
2.4GHz
802.11n
HT40
MCS 0
-92dBm
±2dB
MCS 1
-88dBm
±2dB
MCS 2
-85dBm
±2dB
MCS 3
-82dBm
±2dB
MCS 4
-79dBm
±2dB
MCS 5
-75dBm
±2dB
MCS 6
-75dBm
±2dB
MCS 7
-73dBm
±2dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com