Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLE900VX Datasheet(PDF) 2 Page - Compex Systems Pte. Lte.

Part # WLE900VX
Description  Dual Band 2.4 & 5 GHz 3x3 MIMO 802.11ac Mini PCIe WiFi Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPEX [Compex Systems Pte. Lte.]
Direct Link  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

WLE900VX Datasheet(HTML) 2 Page - Compex Systems Pte. Lte.

  WLE900VX Datasheet HTML 1Page - Compex Systems Pte. Lte. WLE900VX Datasheet HTML 2Page - Compex Systems Pte. Lte. WLE900VX Datasheet HTML 3Page - Compex Systems Pte. Lte. WLE900VX Datasheet HTML 4Page - Compex Systems Pte. Lte. WLE900VX Datasheet HTML 5Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
wireless 11ac modules
2
Compex Systems Pte Ltd | www.compex.com.sg| (+65) 6286 2086 | sales@compex.com.sg | Last Updated: 17/02/20 SL
Copyright © Compex Systems. All rights reserved. COMPEX and the COMPEX logo, are registered trademarks of Compex Systems Pte Ltd.
While every effort is made to ensure the information is accurate, Compex does not accept liability for any errors or mistakes that may arise.
All specifications are subject to change without notice.
RF Performance Table
Data Rate TX Power
(per chain)
TX Power
(3 chains) Tolerance
2.4 GHz
802.11b
1 Mbps
20 dBm
25 dBm
± 2 dB
2 Mbps
20 dBm
25 dBm
± 2 dB
5.5 Mbps
20 dBm
25 dBm
± 2 dB
11 Mbps
20 dBm
25 dBm
± 2 dB
2.4 GHz
802.11g
6 Mbps
21 dBm
26 dBm
± 2 dB
9 Mbps
21 dBm
26 dBm
± 2 dB
12 Mbps
21 dBm
26 dBm
± 2 dB
18 Mbps
21 dBm
26 dBm
± 2 dB
24 Mbps
21 dBm
26 dBm
± 2 dB
36 Mbps
20 dBm
25 dBm
± 2 dB
48 Mbps
19 dBm
24 dBm
± 2 dB
54 Mbps
18 dBm
23 dBm
± 2 dB
2.4 GHz
802.11n
HT20
MCS 0
21 dBm
26 dBm
± 2 dB
MCS 1
21 dBm
26 dBm
± 2 dB
MCS 2
21 dBm
26 dBm
± 2 dB
MCS 3
20 dBm
25 dBm
± 2 dB
MCS 4
20 dBm
25 dBm
± 2 dB
MCS 5
20 dBm
25 dBm
± 2 dB
MCS 6
18 dBm
23 dBm
± 2 dB
MCS 7
16 dBm
21 dBm
± 2 dB
2.4 GHz
802.11n
HT40
MCS 0
20 dBm
25 dBm
± 2 dB
MCS 1
20 dBm
25 dBm
± 2 dB
MCS 2
20 dBm
25 dBm
± 2 dB
MCS 3
19 dBm
24 dBm
± 2 dB
MCS 4
19 dBm
24 dBm
± 2 dB
MCS 5
19 dBm
24 dBm
± 2 dB
MCS 6
18 dBm
23 dBm
± 2 dB
MCS 7
16 dBm
21 dBm
± 2 dB
Data Rate
RX Specifications
Sensitivity
Tolerance
2.4 GHz
802.11b
1 Mbps
-95 dBm
± 2 dB
2 Mbps
-94 dBm
± 2 dB
5.5 Mbps
-92 dBm
± 2 dB
11 Mbps
-90 dBm
± 2 dB
2.4 GHz
802.11g
6 Mbps
-94 dBm
± 2 dB
9 Mbps
-93 dBm
± 2 dB
12 Mbps
-92 dBm
± 2 dB
18 Mbps
-90 dBm
± 2 dB
24 Mbps
-88 dBm
± 2 dB
36 Mbps
-85 dBm
± 2 dB
48 Mbps
-81 dBm
± 2 dB
54 Mbps
-80 dBm
± 2 dB
2.4 GHz
802.11n
HT20
MCS 0
-94 dBm
± 2 dB
MCS 1
-91 dBm
± 2 dB
MCS 2
-89 dBm
± 2 dB
MCS 3
-84 dBm
± 2 dB
MCS 4
-83 dBm
± 2 dB
MCS 5
-78 dBm
± 2 dB
MCS 6
-78 dBm
± 2 dB
MCS 7
-76 dBm
± 2 dB
2.4 GHz
802.11n
HT40
MCS 0
-92 dBm
± 2 dB
MCS 1
-88 dBm
± 2 dB
MCS 2
-85 dBm
± 2 dB
MCS 3
-82 dBm
± 2 dB
MCS 4
-79 dBm
± 2 dB
MCS 5
-75 dBm
± 2 dB
MCS 6
-75 dBm
± 2 dB
MCS 7
-73 dBm
± 2 dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com