Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC-R064R2P Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # LC-R064R2P
Description  For main and standby power supplies
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

LC-R064R2P Datasheet(HTML) 1 Page - Panasonic Battery Group

  LC-R064R2P Datasheet HTML 1Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sealed Lead-Acid Handbook, Page 46
January 1999
INDIVIDUAL DATA SHEETS
LC-R064R2P
Specifications
Nominal voltage
6V
Rated capacity
(20 hour rate)
4.2Ah
Length
70 mm
Width
48 mm
Height
102 mm
Dimensions
Total Height
108 mm
Approx. mass
0.78 kg
Country of origin
Republic of China
Characteristics
20 hour rate (210mA)
10 hour rate (390mA)
5 hour rate (700mA)
1 hour rate (2800mA)
4.2Ah
3.9Ah
3.5Ah
2.8Ah
Capacity
(note)
(25
°C)
1.5 hour rate discharge
Cut-off voltage 5.25 V
2.2A
Internal resistance
Fully charged battery
(25
°C)
Approx. 20m
Ω
Temperature
dependency
of capacity
(20 hour rate)
40
°C
25
°C
0
°C
-15
°C
102 %
100 %
85 %
65 %
Self discharge
(25
°C)
Residual capacity
after standing 3 months
Residual capacity
after standing 6 months
Residual capacity
after standing 12 months
91%
82%
64%
Initial current
1.68 A or smaller
Cycle use
(Repeating
use)
Control
voltage
Constant voltage; 7.25 to
7.45 V
(per 6V cell 25
°C)
Charge
Method
(Constant
Voltage)
Trickle use
Control
voltage
6.8 to 6.9 V
(per 6V cell 25
°C)
(Note) The above characteristics data are average values obtained within three
charge/discharge Cycles not the minimum values.
Dimensions (mm)
Discharge characteristics (25
°°°°C) (note)
Duration of discharge vs. Discharge current
(note)
Labels will vary, see page 68 for example of labels.
Terminal type: Faston 187
48 1
+
-
47.4
7
7
+
-
70 1
69.2
Battery case resin: Standard (UL94HB)
6.9
6.6
6.3
6.0
5.7
5.4
5.1
4.8
4.5
4.2
3.9
0
1
2
4
6 8 10
20
40 60
2
4
6 8 10
20
40
(Minute)
(Hour)
Duration of discharge
12.60A
4.20A
1.05A
0.21A
100
200 300
500
1
2
3
5
7
10
20
(mA)
(A)
Discharge current
30
20
15
10
5
4
3
2
1.5
1
50
40
30
20
10
5
3
40˚C
25˚C
0˚C
-15˚C
For main and standby power supplies.
Expected trickle life: 3-5 years at 25°C, 5 years at 20°C.


Similar Part No. - LC-R064R2P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LC-R064R5P PANASONIC-LC-R064R5P Datasheet
105Kb / 2P
LC-R064R5P
logo
Panasonic Battery Group
LC-R064R5P PANASONICBATTERY-LC-R064R5P Datasheet
28Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES:
More results

Similar Description - LC-R064R2P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LC-X1228P PANASONIC-LC-X1228P Datasheet
39Kb / 1P
FOR STANDBY POWER SUPPLIES
LC-RA1212 PANASONIC-LC-RA1212 Datasheet
62Kb / 1P
For main and standby power supplies.
logo
Infineon Technologies A...
ICE1QS01 INFINEON-ICE1QS01 Datasheet
484Kb / 21P
Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction (PFC)
V1.4, 27 April 2004
logo
Sanken electric
STR-Y6700 SANKEN-STR-Y6700 Datasheet
189Kb / 2P
Power IC for Quasi-Resonant Mode Switching Power Supplies with Low Standby Power
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846_03 Datasheet
909Kb / 29P
Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
logo
Panasonic Battery Group
LC-P1265 PANASONICBATTERY-LC-P1265 Datasheet
1Mb / 2P
For standby power supplies
LC-R127R2PG PANASONICBATTERY-LC-R127R2PG Datasheet
118Kb / 2P
For main and standby power supplies. Expected trickle design life: 6 ??9 years at 20째C according to Eurobat.
LC-P1220P PANASONICBATTERY-LC-P1220P Datasheet
215Kb / 2P
FOR STANDBY POWER SUPPLIES.
LC-R127R2PG1 PANASONICBATTERY-LC-R127R2PG1 Datasheet
1Mb / 2P
for main and standby power supplies
logo
NXP Semiconductors
TEA9026T NXP-TEA9026T Datasheet
460Kb / 38P
Digital LLC controller for power supplies providing wide input voltage range and low standby
Rev. 1 ??14 June 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com