Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP173WD1 Datasheet(PDF) 13 Page - LG Semicon Co.,Ltd.

Part # LP173WD1
Description  17.3??HD TFT LCD
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WD1 Datasheet(HTML) 13 Page - LG Semicon Co.,Ltd.

Back Button LP173WD1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 17Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Product Specification
LP173WD1
Liquid Crystal Display
4. Optical Specification
FIG. 1 Optical Characteristic Measurement Equipment and Method
LCD Module
Optical Stage(x y)
Equipment
Optical characteristics are determined after the unit has been ‘ON’ and stable for approximately 20 minutes in
a dark environment at 25°C. The values specified are at an approximate distance 50cm from the LCD surface
at a viewing angle of Φ and Θ equal to 0°.
FIG. 1 presents additional information concerning the measurement equipment and method.
Optical Stage(x,y)
500mm±50mm
Table 8. OPTICAL CHARACTERISTICS
Ta=25
°C, VCC=3.3V, fV=60Hz, f
CLK= 97.75MHz, ILED =20 mA
Parameter
Symbol
Values
Units
Notes
Min
Typ
Max
Contrast Ratio
CR
500
600
-
1
Surface Luminance, white
LWH
220
235
-
cd/m2
2
Luminance Variation
δ
WHITE
1.4
1.6
3
Response Time
Tr
R
Tr
D
-
8
16
ms
4
Response Time
Tr
R + TrD
8
16
ms
4
Color Coordinates
RED
RX
0.588
0.618
0.648
RY
0.318
0.348
0.378
GREEN
GX
0.282
0.312
0.342
GY
0.568
0.598
0.628
BLUE
BX
0.120
0.150
0.180
BY
0.080
0.110
0.140
WHITE
WX
0.283
0.313
0.343
WY
0.299
0.329
0.359
Viewing Angle
5
x axis, right(
Φ=0°)
Θr
40
degree
x axis, left (
Φ=180°)
Θl
40
degree
y axis, up (
Φ=90°)
Θu
10
degree
y axis, down (
Φ=270°)
Θd
30
degree
GS l
6
Ver. 1.0
27.May, 2009
13/ 30
Gray Scale
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com