Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DW12 Datasheet(PDF) 39 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LIS2DW12 Datasheet HTML 35Page - STMicroelectronics LIS2DW12 Datasheet HTML 36Page - STMicroelectronics LIS2DW12 Datasheet HTML 37Page - STMicroelectronics LIS2DW12 Datasheet HTML 38Page - STMicroelectronics LIS2DW12 Datasheet HTML 39Page - STMicroelectronics LIS2DW12 Datasheet HTML 40Page - STMicroelectronics LIS2DW12 Datasheet HTML 41Page - STMicroelectronics LIS2DW12 Datasheet HTML 42Page - STMicroelectronics LIS2DW12 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
8.6
CTRL3 (22h)
Control register 3 (r/w)
Table 33. Control register 3
ST2
ST1
PP_OD
LIR
H_LACTIVE
0
SLP_
MODE_SEL
SLP_
MODE_1
Table 34. Control register 3 description
ST[2:1]
Self-test enable. Default value: 00
(00: Self-test disabled; Other: see Table 35. Self-test mode selection)
PP_OD
Push-pull/open-drain selection on interrupt pad. Default value: 0
(0: push-pull; 1: open-drain)
LIR
Latched Interrupt. Switches between latched ('1'-logic) and pulsed ('0'-logic) mode for function source signals
and interrupts routed to pins (wakeup, single/double-tap). Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
H_LACTIVE
Interrupt active high, low. Default value: 0
(0: active high; 1: active low)
SLP_
MODE_SEL
Single data conversion on demand mode selection:
0: enabled with external trigger on INT2;
1: enabled by I²C/SPI writing SLP_MODE_1 to 1.
SLP_
MODE_1
Single data conversion on demand mode enable. When SLP_MODE_SEL = '1' and this bit is set to '1' logic,
single data conversion on demand mode starts. When XL data are available in the registers, this bit is set to '0'
automatically and the device is ready for another triggered session.
Table 35. Self-test mode selection
ST2
ST1
Self-test mode
0
0
Normal mode
0
1
Positive sign self-test
1
0
Negative sign self-test
1
1
-
LIS2DW12
CTRL3 (22h)
DS11811 - Rev 8
page 39/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com