Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C3364NTF32B Datasheet(PDF) 13 Page - Alliance Semiconductor Corporation

Part # AS7C3364NTF32B
Description  3.3V 64K x 32/36 Flowthrough Synchronous SRAM with NTD
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364NTF32B Datasheet(HTML) 13 Page - Alliance Semiconductor Corporation

Back Button AS7C3364NTF32B Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 14Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 15Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 16Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 17Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
®
AS7C3364NTF32B/36B
4/28/05, v 1.0
Alliance Semiconductor
P. 13 of 19
NOP, stall and deselect cycles
Note: Ý = XOR when LBO = high/no connect; Ý = ADD when LBO = low. OE is low.
CLK
CEN
CE0, CE2
ADV/LD
R/W
Address
D/Q
Command
BWn
A1
A2
Q(A1)
D(A2)
Q(A1Ý10)
BURST
Q(A1Ý01)
STALL
DSEL
BURST
DSEL
WRITE
D(A2)
BURST
NOP
D(A2Ý01)
WRITE
NOP
D(A3)
A3
READ
Q(A1)
BURST
Q(A1Ý10)
BURST
D(A2Ý10)
CE1
Q(A1Ý01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com