Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC2001C Datasheet(PDF) 2 Page - Efficient Power Conversion Corporation.

Part # EPC2001C
Description  Enhancement Mode Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC-CO [Efficient Power Conversion Corporation.]
Direct Link  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

EPC2001C Datasheet(HTML) 2 Page - Efficient Power Conversion Corporation.

  EPC2001C Datasheet HTML 1Page - Efficient Power Conversion Corporation. EPC2001C Datasheet HTML 2Page - Efficient Power Conversion Corporation. EPC2001C Datasheet HTML 3Page - Efficient Power Conversion Corporation. EPC2001C Datasheet HTML 4Page - Efficient Power Conversion Corporation. EPC2001C Datasheet HTML 5Page - Efficient Power Conversion Corporation. EPC2001C Datasheet HTML 6Page - Efficient Power Conversion Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
eGaN® FET DATASHEET
EPC2001C
EPC – POWER CONVERSION TECHNOLOGY LEADER | EPC-CO.COM | ©2020 |
| 2
VDS – Drain-to-Source Voltage (V)
150
120
90
60
30
0
1
1.5
2
2.5
3
VGS
GS
GS
GS
= 5 V
V = 4 V
V = 3 V
V = 2 V
VGS – Gate-to-Source Voltage (V)
150
120
90
60
30
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VGS – Gate-to-Source Voltage (V)
20
25
15
10
5
0
2.5
2
3
3.5
4
4.5
5
VGS – Gate-to-Source Voltage (V)
25
15
20
10
5
0
2.5
2
3
3.5
4
4.5
5
ID = 25 A
25˚C
125˚C
Figure 1: Typical Output Characteristics at 25°C
Figure 2: Transfer Characteristics
Figure 3: RDS(on) vs. VGS for Various Currents
Figure 4: RDS(on) vs. VGS for Various Temperatures
0
0.5
ID = 10 A
ID = 20 A
ID= 40 A
ID= 80 A
VDS = 3 V
25°C
125°C
Dynamic Characteristics (TJ = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CISS
Input Capacitance
VDS = 50 V, VGS = 0 V
770
900
pF
COSS
Output Capacitance
430
650
CRSS
Reverse Transfer Capacitance
10
15
RG
Gate Resistance
0.3
Ω
QG
Total Gate Charge
VDS = 50 V, VGS = 5 V, ID = 25 A
7.5
9
nC
QGS
Gate-to-Source Charge
VDS = 50 V, ID = 25 A
2.4
QGD
Gate-to-Drain Charge
1.2
2
QG(TH)
Gate Charge at Threshold
1.6
QOSS
Output Charge
VDS = 50 V, VGS = 0 V
31
45
QRR
Source-Drain Recovery Charge
0
All measurements were done with substrate connected to source.
Note 2: COSS(ER) is a fixed capacitance that gives the same stored energy as COSS while VDS is rising from 0 to 50% BVDSS.
Note 3: COSS(TR) is a fixed capacitance that gives the same charging time as COSS while VDS is rising from 0 to 50% BVDSS.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com