Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC2014C Datasheet(PDF) 2 Page - Efficient Power Conversion Corporation.

Part # EPC2014C
Description  Enhancement Mode Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC-CO [Efficient Power Conversion Corporation.]
Direct Link  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

EPC2014C Datasheet(HTML) 2 Page - Efficient Power Conversion Corporation.

  EPC2014C Datasheet HTML 1Page - Efficient Power Conversion Corporation. EPC2014C Datasheet HTML 2Page - Efficient Power Conversion Corporation. EPC2014C Datasheet HTML 3Page - Efficient Power Conversion Corporation. EPC2014C Datasheet HTML 4Page - Efficient Power Conversion Corporation. EPC2014C Datasheet HTML 5Page - Efficient Power Conversion Corporation. EPC2014C Datasheet HTML 6Page - Efficient Power Conversion Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
eGaN® FET DATASHEET
EPC – THE LEADER IN GaN TECHNOLOGY | WWW.EPC-CO.COM | COPYRIGHT 2019 |
| 2
EPC2014C
60
45
30
15
0
0
0.5
1.0
1.5
2.0
2.5
3.0
Figure 1: Typical Output Characteristics
VDS – Drain-to-Source Voltage (V)
VGS = 5V
VGS = 4V
VGS = 3V
VGS = 2V
VGS – Gate-to-Source Voltage (V)
40
50
30
20
10
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Figure 3: RDS(on) vs. VGS for Various Drain Currents
ID = 5 A
ID = 10 A
ID = 15 A
ID = 30 A
VGS – Gate-to-Source Voltage (V)
60
45
30
15
1.0
0.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Figure 2: Transfer Characteristics
25˚C
125˚C
VDS = 3 V
0
50
40
30
20
10
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Figure 4: RDS(on) vs. VGS for Various Temperatures
25˚C
125˚C
ID = 10 A
VGS – Gate-to-Source Voltage (V)
Dynamic Characteristics (TJ = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CISS
Input Capacitance
VDS = 20 V, VGS = 0 V
220
300
pF
CRSS
Reverse Transfer Capacitance
6.5
9.5
COSS
Output Capacitance
150
210
RG
Gate Resistance
0.4
Ω
QG
Total Gate Charge
VDS = 20 V, VGS = 5 V, ID = 10 A
2
2.5
nC
QGS
Gate-to-Source Charge
VDS = 20 V, ID = 10 A
0.7
QGD
Gate-to-Drain Charge
0.3
0.5
QG(TH)
Gate Charge at Threshold
0.5
QOSS
Output Charge
VDS = 20 V, VGS = 0 V
4
6
QRR
Source-Drain Recovery Charge
0
All measurements were done with substrate connected to source.
Note 2: COSS(ER) is a fixed capacitance that gives the same stored energy as COSS while VDS is rising from 0 to 50% BVDSS.
Note 3: COSS(TR) is a fixed capacitance that gives the same charging time as COSS while VDS is rising from 0 to 50% BVDSS.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com