Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPS-AI-1608LI Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # CPS-AI-1608LI
Description  Analog Input Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

CPS-AI-1608LI Datasheet(HTML) 2 Page - Contec Co., Ltd

  CPS-AI-1608LI Datasheet HTML 1Page - Contec Co., Ltd CPS-AI-1608LI Datasheet HTML 2Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver.1.06
CPS-AI-1608LI, CPS-AI-1608ALI
2
Function specifications < CPS-AI-1608ALI >
Item
CPS-AI-1608ALI
Input type
Bus-isolated current input
Inputrange
0 - 20mA *3
Maximum inputrating
30mA
Inputimpedance
250Ω(TYP.)
Inputchannel
DifferentialInput 8channels
Resolution
16bit
Non-Linearityerror *4
*5
±20LSB (at 25
℃)
Channelswitching rate *6
20μsec/ch
Conversionrate
20μsec/ch
Isolation
Bus Isolation
Voltageresistance
500VDC
Connector
2 pieces 3.81mm pitch 10-pinterminal
Applicable wire
AWG28 - 16
LED
Status (Green, Red)
Supplyvoltage
24VDC ±10%
Currentconsumption
0.1A(Max.)
Physicaldimensions (mm)
25.2(W)×94.7(D)×124.8(H) (No projection included)
Weight
200g
Installationmethod
Quickmounting on the 35mm DIN rail
*3 With theanalog ground as a benchmark, the voltage ofterminal(+) eachshould staybetween-0.5V and +7V,
and the voltage ofterminal(-) eachshould staybetween-5.5V and +5.0V.(Seeconnecting examples)
*4
Thenon-linearityerror meansanerror ofapproximately0.19% occurs overthemaximum rangeat -
20°C and60°C ambient temperature orifanalogterminal (-)is notananaloggroundvoltage.
*5
Whenthe1.5-meter or shortercableis used.
*6 The fastest sampling clock(sampling interval) thatcanbeset is "20μsec/ch × the number ofchannels to be
obtained".
Caution
You canset themodules as youdesireto theconfigurablecontroller up to 16modules.
The total currentconsumptionof the modules should beless than 3.3A.
Installation Environment Requirements
Item
CPS-AI-1608LI
CPS-AI-1608ALI
Operating ambienttemperature
-20- +60°C
Operating ambienthumidity
10 - 90%RH(No condensation)
Non-operating ambient
temperature
-20- +60°C
Non-operating ambient humidity
10 - 90%RH(No condensation)
Floating dustparticles
Not to be excessive
Corrosive gases
None
Line-noise
resistance
Line noise
SignalLine/±1kV(IEC61000-4-4Level 3,EN61000-4-4 Level 3)
Static electricity
resistance
Touch/±4kV(IEC61000-4-2Level 2,EN61000-4-2Level 2)
Air /±8kV(IEC61000-4-2Level 3,EN61000-4-2Level 3)
Vibration
resistance
Sweep
resistance
10 - 57Hz *7 /semi-amplitudevibration 0.15mm, 57 - 150Hz/2.0G
40minutes eachinX,Y,and Zdirections (JIS C60068-2-6-compliant,
IEC60068-2-6-compliant)
Shockresistance
15G half-sineshockfor 11ms inX,Y,and Z directions
(JIS C 60068-2-27 -compliant,IEC 60068-2-27 -compliant)
Standard
VCCI Class A, FCC Class A,
CE Marking (EMCDirective Class A, RoHSDirective), UL
*7 When you useanoptionalpower product: 10-55Hz(See themanualofoptionalpower productfor details)
Physical Dimensions
List of Option
Configurable Type Controller
CPS-MCS341-DS1-111
Configurable Type CPU module
CPS-MCS341-DS1-131
Configurable Type CPU module + OPC UA server +
MTConnect
CPS-MCS341G-DS1-130
Configurable Type CPU module +3GWAN
CPS-MCS341Q-DS1-131
Configurable Type CPU module +920MHz LAN
CPS-ECS341-1-011
Ether CAT Slave Module
DIN rail mounting power supply
CPS-PWD-90AW24-01
DIN rail mounting power supply 90[w]
(Input: 100 - 240VAC, output: 24VDC 3.8 A)
CPS-PWD-30AW24-01
DIN rail mounting power supply 30[w]
Input: 100 - 240VAC, output: 24VDC 1.3 A)
Component Name
No.
Name
Function
1
Stack Bus
Used for power supplyand communication with theconfigurable type module.
2
LED Indicator
This indicates status of theproduct.
3
Analog Input
This is a connector for analog input. (Use the 10-pinconnector, included in the
package)
25.2
φ4
φ4
[mm]
0
AI
STATUS
-
+
1
-
+
GND
2
-
+
3
-
+
GND
4
-
+
5
-
+
GND
6
-
+
7
-
+
GND
94.7
5.1
2
3
1
0
AI
STATUS
-
+
1
-
+
GND
2
-
+
3
-
+
GND
4
-
+
5
-
+
GND
6
-
+
7
-
+
GND



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com