Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR830 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # MBR830
Description  Schottky Barrier Recitifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

MBR830 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  MBR830 Datasheet HTML 1Page - HY ELECTRONIC CORP. MBR830 Datasheet HTML 2Page - HY ELECTRONIC CORP. MBR830 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
TO-220AC
●
Low forward voltage drop
●
High current capabiliity
RoHS
●
High surge capability
COMPLIANT
●
The plastic material carries UL recognition 94V-0
Mechanical Data
●
Case: JEDEC ITO-220AC molded plastic
●
Polarity: As marked on the body
●
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
For use in low vlotage, high frequency inverters, polarity
protection applications.
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbo
MBR830
MBR840
MBR850
MBR860
MBR880
MBR8100
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
30
40
50
60
80
100
V
Maximum RMS Voltage
VRMS
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
30
40
50
60
80
100
V
Maximum Average Forward Rectified Current
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load ( JEDEC Method )
Peak Forward Voltage (Note1) IF=8A @TJ=25℃
IF=8A @TJ=125℃
IF=16A @TJ=25℃
Maximum DC Reverse Current @TJ=25℃
at Rated DC Blocking Voltage @TJ=125℃
Typical Junction Capacitance ( Note2 )
CJ
pF
Typical Thermal Resistance Junction to Case
RθJC
℃/W
Junction Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
Notes: 1. 300us pulse width,2% duty cycle.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. The typical data above is for reference only.
MBR81*-U-00-00
Rev. 11, 18-May-2020
-55 to +150
-55 to +175
IFSM
VF
IR
A
V
mA
15
10
250
280
3.0
0.57
0.70
0.75
2.0
0.84
0.95
0.95
0.1
0.1
8.0
Pb
0.70
0.80
0.85
150
www.hygroup.com.tw
MBR830 THRU MBR8100
Reverse Voltage - 30 to 100 Volts
Forward Current - 8.0 Amperes
Package Outline Dimensions in Inches (Millimeters)
Schottky Barrier Recitifiers


Similar Part No. - MBR830

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR830 DIODES-MBR830 Datasheet
64Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIER
DS30030 Rev. B-4
logo
Galaxy Semi-Conductor H...
MBR830 BILIN-MBR830 Datasheet
200Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Semiconduct...
MBR830 SIRECTIFIER-MBR830 Datasheet
80Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBR830 LUGUANG-MBR830 Datasheet
234Kb / 2P
Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR830 KERSEMI-MBR830 Datasheet
429Kb / 2P
Schottky Barrier Chip
More results

Similar Description - MBR830

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SR1030CT HY-SR1030CT_V01 Datasheet
481Kb / 4P
Schottky Barrier Recitifiers
SR1630 HY-SR1630 Datasheet
480Kb / 4P
Schottky Barrier Recitifiers
SR1630CT HY-SR1630CT_V01 Datasheet
482Kb / 4P
Schottky Barrier Recitifiers
SR2030CT HY-SR2030CT_V01 Datasheet
481Kb / 4P
Schottky Barrier Recitifiers
SR3030PT HY-SR3030PT_V01 Datasheet
416Kb / 3P
Schottky Barrier Recitifiers
SRF830 HY-SRF830_V01 Datasheet
435Kb / 3P
Schottky Barrier Recitifiers
SRF1030 HY-SRF1030_V01 Datasheet
477Kb / 4P
Schottky Barrier Recitifiers
MBR1630CT HY-MBR1630CT_V01 Datasheet
494Kb / 4P
Schottky Barrier Recitifiers
MBR2030CT HY-MBR2030CT_V01 Datasheet
495Kb / 4P
Schottky Barrier Recitifiers
MBRF2030CT HY-MBRF2030CT_V01 Datasheet
497Kb / 4P
Schottky Barrier Recitifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com