Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C4096A-15JC Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C4096A-15JC
Description  5.0V 512K x 8 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C4096A-15JC Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C4096A-15JC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C4096A-15JC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C4096A-15JC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C4096A-15JC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C4096A-15JC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C4096A-15JC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C4096A-15JC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C4096A-15JC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C4096A-15JC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
®
AS7C4096A
5/27/05, v. 1.1
Alliance Semiconductor
P. 4 of 10
Key to switching waveforms
Read waveform 1 (address controlled)2,5,6,8
Read waveform 2 (CE, OE controlled)2,5,7,8
Read cycle (over the operating range)2,8
Parameter
Symbol
–10
–12
–15
–20
Unit Notes
Min
Max
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
10
–12–
15
–
20
–
ns
Address access time
tAA
–10
–
12
–
15–20
ns
2
Chip enable (CE) access time
tACE
–10
–
12
–
15–20
ns
2
Output enable (OE) access time
tOE
–5–
6–6–6
ns
Output hold from address change
tOH
3–3
–3–3–
ns
4
CE Low to output in low Z
tCLZ
3–3
–3–3–
ns
3,4
CE High to output in high Z
tCHZ
–5–
6–7–9
ns
3,4
OE Low to output in low Z
tOLZ
0–0
–0–0–
ns
3,4
OE High to output in high Z
tOHZ
–5–
6–7–9
ns
3,4
Power up time
tPU
0–0
–0–0–
ns
3,4
Power down time
tPD
–10
–
12
–
15–20
ns
3,4
Undefined/don’t care
Falling input
Rising input
Address
DOUT
Data valid
tOH
tAA
tRC
current
Supply
OE
DOUT
tOE
tOLZ
tACE
tCHZ
tCLZ
tPU
tPD
ICC
ISB
50%
50%
tOHZ
Data valid
tRC1
CE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com