Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

425 Datasheet(PDF) 2 Page - 3M Electronics

Part # 425
Description  425 Aluminium Foil Tape
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

425 Datasheet(HTML) 2 Page - 3M Electronics

  425 Datasheet HTML 1Page - 3M Electronics 425 Datasheet HTML 2Page - 3M Electronics 425 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Date : March 1996
425 Aluminium Foil Tape
(No. 427 Linered Version)
Additional Product
Information
Reflective backing provides
excellent radiation for both
heat and light.
The very low moisture
vapour transmission rate
makes No. 425 a good
sealant.
The special permanent
adhesive combined with the
rugged, durable backing
gives ideal properties for
long service life both
indoors and out.
Good as a maskant in
electroplating of aluminium,
since it will not contaminate
the bath.
Easily die-cut into a special
size or shape (suggest use
of No. 427 linered).
Performance range from
-55
°C to 150°C
continuously. Higher
temperatures for shorter
periods.
Application Techniques
Best results are attained
when applied to a clean, dry
and non dusty surface
above 0°C.
To improve adhesion ensure
firm and even application
pressure is applied.
Applications
General sealant indoors and
out.
Repair tears on truck trailers
and aircraft.
Moisture barrier e.g. around
windows in aircraft, buses
and in appliances.
Electroplating of aluminium.
General purpose heat
reflector.
Mechanically holds wires
and cooling coils to
appliance walls. Acts as
good heat source for
defrosting, and evens out
cold temperature.
Splicing of thin gauge foils.
General purpose holding,
patching, sealing
applications.
FEATURES
ADVANTAGES
BENEFITS
Aluminium foil backing.
Synthetic adhesive.
Long term protection.
Heat reflective.
Non-flammable.
Long ageing.
Protects parts from water,
dust or chemical damage.
Protects parts from heat.
Will not aid combustion.
Reduces need for replacing.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com