Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

433 Datasheet(PDF) 2 Page - 3M Electronics

Part # 433
Description  433 High Temperature Aluminium Foil Tape
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

433 Datasheet(HTML) 2 Page - 3M Electronics

  433 Datasheet HTML 1Page - 3M Electronics 433 Datasheet HTML 2Page - 3M Electronics 433 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Date : March 1996
433 High Temperature
Aluminium Foil Tape
Additional Product
Information
Ideal as a heat reflective
wrap along or over
asbestos, applied to tubes,
engine support structures,
missile ground handling
equipment, or as a protector
from other heat sources
such as hot areas in steel
mills.
Good holding, splicing,
patching or general
protecting tape on
applications involving high
temperatures (over 150
°C).
Performance range from
-54
° to over 316°C.
Adhesive will gradually
thermoset at high
temperatures. As it
thermosets, the adhesive
mass becomes firm and
gradually loses its pressure
sensitivity but will continue
to hold the tape in place.
Flame resistant - will not
support combustion.
Test results reflecting the
most severe high
temperature conditions
indicate the following. No.
433 was applied to flat
aluminium panels and
conditioned at 316
°C for
various periods of time. The
various adhesion levels
were then measured after
the panels had cooled to
room temperature.
LENGTH OF TIME (HRS.)
None
65
200
400
N/100mm
36
19
10
5
Application Techniques
Best results are attained
when applied to a clean, dry
and non dusty surface
above 0°C.
To improve adhesion ensure
firm and even application
pressure is applied.
Applications
Moisture barrier around
doors and windows to
prevent fogging of glass.
Repair tears or ruptures in
insulation blankets used on
jet engines.
To hold insulation on hot air
ducts in industry.
Splice jumbo rolls of
aluminium foil or holding the
last lap of narrow width rolls
in preparation to annealing
the rolls (NOTE: The use of
3M TAPE PRIMER
increases the bond on oily
surfaces.)
As a heat reflective wrap
used in conjunction with
asbestos, tube, cables, or
where otherwise required for
high heat protection.
Maskant of metal during
plastic coating.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com