Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

444PC Datasheet(PDF) 2 Page - 3M Electronics

Part # 444PC
Description  Double Coated Tapes with Adhesive 300
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

444PC Datasheet(HTML) 2 Page - 3M Electronics

  444PC Datasheet HTML 1Page - 3M Electronics 444PC Datasheet HTML 2Page - 3M Electronics 444PC Datasheet HTML 3Page - 3M Electronics 444PC Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M
TM
Double Coated Tapes with Adhesive 300
444 • 444PC • 9009 • 9019 • 9019HL • 9039
Typical Physical Properties
and Performance
Characteristics
Product Number
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
3M™ Double Coated 3M™ Double Coated 3M™ Double Coated 3M™ Double Coated
Adhesion to stainless steel
ASTM D3330 - 90 degree
- 15 minute RT
- 72 hour RT
- 72 hour 158°F (70°C)
ASTM D3330 - 180 degree, 2 mil al foil
- 72 hour RT
3) Adhesion to other surfaces*
ASTM D3330 - 90 degree,
2 mil al foil, 72 hour RT
ABS
Polycarbonate
Polyester
Polypropylene
Shear Strength - ASTM D3654
modified - (.5 inch2 sample size)
1000 grams at 72°F (22°C)
500 grams at 158°F (70°C)
Relative Solvent Resistance
UV Resistance
Relative High Temperature
Operating Ranges:
Long Term (days, weeks)
Short Term (minutes, hours)
Available Sizes
Tapes 444, 444PC
Oz/in
(N/100mm)
32 (35)
61 (66)
86 (94)
115 (125)
55 (60)
64 (70)
61 (66)
43 (47)
813 minutes
3 minutes
Medium-Low
Medium
180°F (82°C)
250°F (121°C)
Tape 9009
Oz/in
(N/100mm)
54 (59)
61 (66)
76 (83)
82 (89)
59 (64)
61 (66)
—
—
1593 minutes
7 minutes
Medium-Low
Medium
180°F (82°C)
250°F (121°C)
Tapes 9019, 9019HL
Oz/in
(N/100mm)
22 (24)
27 (29)
36 (39)
33 (36)
24 (26)
26 (28)
—
—
885 minutes
3 minutes
Medium-Low
Medium
180°F (82°C)
250°F (121°C)
Tape 9039
Oz/in
(N/100mm)
67 (73)
82 (90)
98 (107)
129 (141)
73 (80)
80 (88)
77 (84)
—
924 minutes
4 minutes
Medium-Low
Medium
180°F (82°C)
250°F (121°C)
Product Number
3M double coated
3M double coated
3M double coated
3M double coated
Available Lengths
(Subject to Minimum order requirements)
Standard
Maximum Length
1/4" to 1/2"
1/2" to 48"
Available Widths
Minimum
Maximum
tapes 444, 444PC
36 yd (33 m)
180 yd (165 m)
360 yd (329 m)
1/4" (6.35 mm)
48" (1219 mm)
tape 9009
36 yd (33 m)
180 yd (165 m)
360 yd (329 m)
1/4" (6.35 mm)
54" (1372 mm)
tapes 9019, 9019HL
36 yd (33 m)
180 yd (165 m)
360 yd (329 m)
1/4" (6.35 mm)
54" (1372 mm)
tape 9039
36 yd (33 m)
180 yd (165 m)
360 yd (329 m)
1/4" (6.35 mm)
54" (1372 mm)
Normal Slitting Tolerance
± 1/32" (0.8 mm)
± 1/32" (0.8 mm)
± 1/32" (0.8 mm)
± 1/32" (0.8 mm)
Core Size
3.0" (76.2 mm)
- 2 -
3.0" (76.2 mm)
3.0" (76.2 mm)
3.0" (76.2 mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com