Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

558 Datasheet(PDF) 2 Page - 3M Electronics

Part # 558
Description  Self-Stripping Electrical Tap Connector 558
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

558 Datasheet(HTML) 2 Page - 3M Electronics

  558 Datasheet HTML 1Page - 3M Electronics 558 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M™ Scotchlok™ Self-Stripping Electrical Tap Connector 558
2 of 2
Installation Technique
1.
Place unstripped run wire inside run channel.
2.
Close side cover until latched. Insert unstripped tap wire completely and check its position in the
inspection port.
3.
Hold tool perpendicular to the wires and make the connection by driving the u-contact down flush with
the top of the plastic insulator.
4.
Close hinged top cover until latched.
WARNING
Turn power off before installing or removing terminal. All electrical work should
be done according to appropriate electrical codes.
Shelf Life & Storage
3M™ Scotchlok™ Electrical Tap Connector 558 has a 5-year shelf life from date of
manufacture when stored in a humidity controlled storage (10°C/50°F to 27°C/80°F
and <75% relative humidity).
Availability
Please contact your local distributor; available from 3M.com/electrical [Where to Buy]
or call 1.800.245.3573.
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on
information believed to be reliable, but the accuracy or completeness is not guaranteed. Before using this
product, you must evaluate it and determine if it is suitable for your intended application. You assume all
risks and liability associated with such use. Any statements related to the product, which are not contained in
3M’s current publications, or any contrary statements contained on your purchase order, shall have no force
or effect unless expressly agreed upon, in writing, by an authorized officer of 3M.
Warranty; Limited
Remedy; Limited Liability
This product will be free from defects in material and manufacture at the time of purchase. 3M MAKES NO
OTHER WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the
warranty period stated above, your exclusive remedy shall be, at 3M’s option, to replace or repair the 3M
product or refund the purchase price of the 3M product. Except where prohibited by law, 3M will not be liable
for any indirect, special, incidental or consequential loss or damage arising from this 3M product, regardless
of the legal theory asserted.
3M and Scotchlok are trademarks of 3M Company.
3
Electrical Markets Division
6801 River Place Blvd.
Austin, TX 78726-9000
800.245.3573
FAX: 800.245.0329
www.3M.com/electrical
Please recycle
© 3M 2010 All rights reserved
78-8126-5518-7 B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com