Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSD2012DN25 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSD2012DN25
Description  N-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD2012DN25 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD2012DN25 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2012DN25 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2012DN25 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2012DN25 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2012DN25 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Sou
rce Voltage
±
12
V
ID@TA=25℃
Continuous Drain Current, VGS @ 4.5V
1
11
A
ID@TA=70℃
Continuous Drain Current, VGS @ 4.5V
1
9
A
IDM
Pulsed Drain Current
2
95
A
PD@TA=25℃
Total Power Dissipation
3
1.7
W
PD@TA=70℃
Total Power Dissipation
3
1.0
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient
1 (Steady State)
---
75
℃
/W
RθJA
Thermal Resistance Junction-ambient
1
(t<10S)
---
40
℃
/W
BVDSS
RDSON
ID
20V
9.5mΩ(max)
11A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent Cdv/dt effect decline
Green Device Available
General Description
Features
Applications
Power management in portable and battery
operated products
DC-DC Power System
ESD:2KV
Absolute Maximum Ratings
Thermal Data
DFN2X5 Pin Configuration
Product Summery
WSD2012DN25
Page 1
www.winsok.tw
Dec.2014
The WSD2012DN25 is the highest performance
trench N-ch MOSFETs with extreme high cell
density , which provide excellent RDSON and gate
charge for most of the small power switching and
load switch applications.
The WSD2012DN25 meet the RoHS and Green
Product requirement with full function reliability
approved.
N-Ch MOSFET


Similar Part No. - WSD2012DN25

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD20100DN56 WIINSOK-WSD20100DN56 Datasheet
2Mb / 5P
Load Switch Power System
WSD2010DN25 WIINSOK-WSD2010DN25 Datasheet
1Mb / 5P
N-Ch MOSFET
WSD2018ADN22 WIINSOK-WSD2018ADN22 Datasheet
1Mb / 6P
High Frequency Point-of-Load Synchronous Small power switching for MB/NB/UMPC/VGA
WSD2018DN22 WIINSOK-WSD2018DN22 Datasheet
3Mb / 6P
N-Ch MOSFET
More results

Similar Description - WSD2012DN25

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSC5N20 WIINSOK-WSC5N20 Datasheet
617Kb / 5P
N-Ch MOSFET
WSD45N10GKDN56 WIINSOK-WSD45N10GKDN56 Datasheet
2Mb / 6P
N-Ch MOSFET
WSD2050DN WIINSOK-WSD2050DN Datasheet
2Mb / 6P
N-Ch MOSFET
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
N-Ch MOSFET
WSF25N10 WIINSOK-WSF25N10 Datasheet
1Mb / 5P
N-Ch MOSFET
WSF40N10A WIINSOK-WSF40N10A Datasheet
1Mb / 6P
N-Ch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com