Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4914 Datasheet(PDF) 7 Page - 3M Electronics

Part # 4914
Description  VHB Tape - Specialty Tapes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4914 Datasheet(HTML) 7 Page - 3M Electronics

  4914 Datasheet HTML 1Page - 3M Electronics 4914 Datasheet HTML 2Page - 3M Electronics 4914 Datasheet HTML 3Page - 3M Electronics 4914 Datasheet HTML 4Page - 3M Electronics 4914 Datasheet HTML 5Page - 3M Electronics 4914 Datasheet HTML 6Page - 3M Electronics 4914 Datasheet HTML 7Page - 3M Electronics 4914 Datasheet HTML 8Page - 3M Electronics 4914 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
3M™ VHB™ Tape - Specialty Tapes
- 7 -
Design and Tape Selection Considerations
Choose the right tape for the substrate: Adhesives must flow onto the substrate surfaces in order to achieve intimate contact
area and allow the molecular force of attraction to develop. The degree of flow of the adhesive on the substrate is largely
determined by the surface energy of the substrate.
Adhesive
High surface energy
— Substrate
Adhesive
Low surface energy
— Substrate
This illustration demonstrates the effect of surface energy on adhesive interfacial contact. High surface energy materials
draw the adhesive closer for high bond strength.
Relationship of Adhesion and Surface Energy for 3M™ VHB™ Tape Adhesive Families
1100-400
50-42
39-38
37-36
33-18
(High)
(Medium)
(Low)
Surface Energy (Dynes/cm)
Aluminum
Stainless Steel
Copper
Zinc
Tin
Lead
Anodized Aluminum
Glass
Polyimide
Phenolic
Nylon
Alkyd Enamel
Polyester
Epoxy Paint
Polyurethane
ABS
Polycarbonate
PVC
PPE
Acrylic
PU Enamel
Powder Paint
PVA
Polystyrene
Acetal
PVDF Paint
Powder Paint
Polypropylene
EVA
Polyethylene
PVF
Silicone
PTFE
NOTES: There are a wide variety of formulations, surfaces finishes and surface treatments available on substrate materials which can affect adhesion. This chart is intended
to provide only a rough estimate of the adhesion levels which can be expected on some common materials relative to a reference surface such as aluminum.
Foam type can affect and/or limit maximum adhesive strength.
Use the right tape thickness: The necessary thickness of tape depends on the rigidity of substrates and their flatness irregularity.While
the
3M™VHB™Tapeswillconformtoacertainamountofirregularity,theywillnotflowtofillgapsbetween the materials.For bonding rigid
materials with normal flatness, consider use of tapes with thickness of 45 mils (1.1 mm) or greater. As the substrate flexibility
increases thinner tapes can be considered.
Use the right amount of tape: Because
3M™ VHB™ Tapes are viscoelastic by nature their strength and stiffness is a function oftherate at
which they are stressed.They behave stronger with relatively faster rate of stress load (dynamic stresses) and willtendtoshowcreep
behaviorwithstressloadactingoveralongperiodoftime(staticstresses).Asageneralrule,forstatic loads, approximately four square
inches of tape should be used for each pound (57 cm2 of tape per kg) of weight to be supported in order to prevent excessive creep. For
dynamic loads, the dynamic performance characteristics provided on page 4 should be useful, factoring in the appropriate safety factors.
Allow for thermal expansion/contraction:
3M™ VHB™ Tapes can perform well in applications where two bonded surfaces may expand
and contract differentially. Assuming good adhesion to the substrates, the tapes can typically tolerate differential movement in the shear
plane up to 3 times their thickness.
Bond Flexibility: While an advantage for many applications where allowing differential movement is a benefit, the tape bonds are typically
more flexible than alternative bonding methods. Suitable design modifications or periodic use of rigid fasteners or adhesives may be
needed if additional stiffness is required.
Severe Cold Temperature: Applications which require performance at severe cold temperatures must be thoroughly evaluated bytheuserif
theintendedusewillsubjectthetapeproducttohighimpactstresses.Atechnicalbulletin
“3M™VHB™TapeCold Temperature
Performance” (70-0707-3991-0) is available for additional information.
GPH Family
LSE Family



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com