Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5419 Datasheet(PDF) 1 Page - 3M Electronics

Part # 5419
Description  Low Static Polyimide Film Tape 5419
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5419 Datasheet(HTML) 1 Page - 3M Electronics

  5419 Datasheet HTML 1Page - 3M Electronics 5419 Datasheet HTML 2Page - 3M Electronics 5419 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3M™ Low Static Polyimide Film Tape 5419
Product Description
3M™ Low Static Polyimide Film Tape 5419 is a translucent, polyimide film-backed silicone adhesive tape with unique and
extremely low electrostatic discharge properties.
Product Construction
Backing
Adhesive
Color
Standard Roll Length
Polyimide
Silicone
Gold
36 yds. (33 m)
3
Technical Data
September, 2010
Typical Physical Properties
Note: The following technical information and data should be considered representative or typical only and should not be used
for specification purposes.
ASTM Test Method
Adhesion to Steel:
20 oz./in. width (22 N/100 mm)
D-3330
Tensile Strength at Break:
33 lbs./in. width (578 N/100 mm)
D-3759
Elongation at Break:
60%
D-3759
Backing Thickness:
1.0 mil (0.03 mm)
D-3652
Total Tape Thickness:
2.7 mil (0.07 mm)
D-3652
Temperature Use Range:
-100° to 500°F (-73° to 260°C)
Dielectric Strength:
7000 volts
D-149
Insulation Resistance:
> 1*106 ohms
Static Charge: (measured at
Removal from roll: < 150 volts
50% RH, 70°F (21°C) in an
Removal from PWB: < 50 volts
ESD controlled environment)
Outgassing:
%TLM = 0.58; %CVCM = 0.24
E-595
Flame Retardancy:
Pass
per UL-510
product category:
OANZ2
File E230409


Similar Part No. - 5419

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5419 ALPHAWIRE-5419 Datasheet
410Kb / 4P
20 (10/30) AWG Tinned Copper
5419-15 ALPHAWIRE-5419-15 Datasheet
410Kb / 4P
20 (10/30) AWG Tinned Copper
5419-19 ALPHAWIRE-5419-19 Datasheet
411Kb / 4P
20 (10/30) AWG Tinned Copper
5419/12 ALPHAWIRE-5419/12 Datasheet
100Kb / 4P
Customer Specification
8/29/2022
5419/12 ALPHAWIRE-5419/12 Datasheet
99Kb / 4P
Customer Specification
12/2/2022
More results

Similar Description - 5419

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1205-1 3M-1205-1 Datasheet
24Kb / 2P
3M™ Polyimide Film Electrical Tape 1205
Rev C
logo
List of Unclassifed Man...
BP-LMS-500P ETC2-BP-LMS-500P Datasheet
442Kb / 2P
Polyimide film provides high dielectric strength
logo
3M Electronics
850 3M-850 Datasheet
21Kb / 2P
Polyester Film Tape
8997 3M-8997 Datasheet
124Kb / 5P
3M™ Polyimide Tape
Jan-2015
8998 3M-8998 Datasheet
124Kb / 5P
3M??Polyimide Tape 8998
1205 3M-1205 Datasheet
24Kb / 2P
3M™ Polyimide Film Electrical Tape 1205
1218 3M-1218 Datasheet
536Kb / 2P
Polyimide Film Electrical Tape 1218 with Acrylic Adhesive
7419 3M-7419 Datasheet
141Kb / 3P
Low Static Polyimide Film Tape 7419
logo
Bertech.
PPF BERTECH-PPF Datasheet
109Kb / 1P
1 Mil High Temperature Polyimide Film
KPTLS BERTECH-KPTLS Datasheet
111Kb / 1P
Low Static Kapton Tape
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com