Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4956F Datasheet(PDF) 7 Page - 3M Electronics

Part # 4956F
Description  Tapes provide the convenience and simplicity of a tape fastener and are ideal for use in many interior and exterior bonding applications. In many situations, they can replace rivets
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4956F Datasheet(HTML) 7 Page - 3M Electronics

  4956F Datasheet HTML 1Page - 3M Electronics 4956F Datasheet HTML 2Page - 3M Electronics 4956F Datasheet HTML 3Page - 3M Electronics 4956F Datasheet HTML 4Page - 3M Electronics 4956F Datasheet HTML 5Page - 3M Electronics 4956F Datasheet HTML 6Page - 3M Electronics 4956F Datasheet HTML 7Page - 3M Electronics 4956F Datasheet HTML 8Page - 3M Electronics 4956F Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
3M™ VHB™ Tapes
- 7 -
Design and Tape Selection Considerations
u
Choose the right tape for the substrate: Adhesives must flow onto the substrate surfaces in order to achieve intimate contact area
and allow the molecular force of attraction to develop. The degree of flow of the adhesive on the substrate is largely determined by the
surface energy of the substrate.
This illustration demonstrates the effect of surface energy on adhesive interfacial contact. High surface energy materials draw the adhesive closer
for high bond strength.
Aluminum
Polyimide
ABS
PVA
EVA
Stainless Steel
Phenolic
Polycarbonate
Polystyrene
Polyethylene
Copper
Nylon
PVC
Acetal
Polypropylene
Zinc
Alkyd Enamel
PPE
PVDF Paint
PVF
Tin
Polyester
Acrylic
Powder Paint
Silicone
Lead
Epoxy Paint
PU Enamel
PTFE
Anodized Aluminum
Polyurethane
Powder Paint
Glass
NOTES: There are a wide variety of formulations, surfaces finishes and surface treatments available on substrate materials which can affect adhesion.
This chart is intended to provide only a rough estimate of the adhesion levels which can be expected on some common materials relative to a
reference surface such as aluminum.
Foam type can affect and/or limit maximum adhesive strength.
u Use the right tape thickness: The necessary thickness of tape depends on the rigidity of substrates and their flatness irregularity. While the 3M™ VHB™ Tapes will conform to a
certain amount of irregularity, they will not flow to fill gaps between the materials. For bonding rigid materials with normal flatness, consider use of tapes with thickness of 45 mils
(1.1 mm) or greater. As the substrate flexibility increases thinner tapes can be considered.
u Use the right amount of tape: Because 3M™ VHB™ Tapes are viscoelastic by nature their strength and stiffness is a function of the rate at which they are stressed. They
behave stronger with relatively faster rate of stress load (dynamic stresses) and will tend to show creep behavior with stress load acting over a long period of time (static
stresses). As a general rule, for
static loads, approximately four square inches of tape should be used for each pound (57 cm2 of tape per kg) of weight to be supported in order to
prevent excessive creep. For
dynamic loads, the dynamic performance characteristics provided on page 4 should be useful, factoring in the appropriate safety factors.
u Allow for thermal expansion/contraction: 3M™ VHB™ Tapes can perform well in applications where two bonded surfaces may expand and contract differentially. Assuming
good adhesion to the substrates, the tapes can typically tolerate differential movement in the shear plane up to 3 times their thickness.
u Bond Flexibility: While an advantage for many applications where allowing differential movement is a benefit, the tape bonds are typically more flexible than alternative bonding
methods. Suitable design modifications or periodic use of rigid fasteners or adhesives may be needed if additional stiffness is required.
u Severe Cold Temperature: Applications which require performance at severe cold temperatures must be thoroughly evaluated by the user if the intended use will subject the tape
product to high impact stresses. A technical bulletin “3M™ VHB™ Tape Cold Temperature Performance” (70-0707-3991-0) is available for additional information.
Adhesive
High surface energy
— Substrate
Adhesive
Low surface energy
— Substrate
4941 Family
5952 Family
RP Family
1100-400
50-42
39-38
37-36
33-18
(High)
(Medium)
(Low)
Surface Energy (Dynes/cm)
Relationship of Adhesion and Surface Energy for 3M™ VHB™ Tape Adhesive Families
Generally good
adhesion
Primer may be
needed for good
adhesion



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com