Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9498 Datasheet(PDF) 2 Page - 3M Electronics

Part # 9498
Description  Splicing Tapes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9498 Datasheet(HTML) 2 Page - 3M Electronics

  9498 Datasheet HTML 1Page - 3M Electronics 9498 Datasheet HTML 2Page - 3M Electronics 9498 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M™ Splicing Tapes
9464 • 9498 • 9576 • 9576B • 9576Y • 9576R • 9578
Application Equipment
For additional dispenser information, contact your local 3M sales representative, or
the toll free 3M sales assistance number at 1-800-362-3550.
Contact customer service at 1-800-362-3550 for details on available sizes.
Available Sizes
Application Techniques
Bond strength is dependent upon the amount of adhesive-to-surface contact
developed. Firm application pressure helps develop better adhesive contact and
improves bond strength.
To obtain optimum adhesion, the bonding surfaces must be clean, dry and well
unified. Some typical surface cleaning solvents are isopropyl alcohol or heptane.*
Ideal tape application temperature range is 70°F to 100°F (21°C to 38°C). Initial
tape application to surfaces at temperatures below 50°F (10°C) is not recommended
because the adhesive becomes too firm to adhere readily. However, once properly
applied, low temperature holding is generally satisfactory.
*Note: Carefully read and follow the manufacturer’s precautions and directions for
use when using solvents.
Storage
Store in original cartons at 70°F (21°C) and 50% relative humidity.
Shelf Life
If stored under proper conditions, product retains its performance and properties for
two years from date of manufacture.
- 2 -



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com