Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9495MP Datasheet(PDF) 2 Page - 3M Electronics

Part # 9495MP
Description  Double Coated Tapes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9495MP Datasheet(HTML) 2 Page - 3M Electronics

  9495MP Datasheet HTML 1Page - 3M Electronics 9495MP Datasheet HTML 2Page - 3M Electronics 9495MP Datasheet HTML 3Page - 3M Electronics 9495MP Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M
™ Double Coated Tapes with 9492MP
• 9495MP • 9495MPF • 9495B
Typical Physical Properties and Performance Characteristics
Note: The following technical information and data should be considered representative or typical only and should not be
used for specification purposes.
(2)
Product Number
3M™ Double Coated Tape 9492MP
3M™ Double Coated Tapes 9495MP, 9495MPF, 9495B
Adhesion to stainless steel
Oz/in (N/cm) [kg/25.4 mm]
Oz/in (N/cm) [kg/25.4 mm]
ASTM D3330 - 90 degree
- 15 minute RT
45 (4.9) [1.3]
70 (7.7) [2.0]
- 72 hour RT
60 (6.6) [1.7]
80 (8.8) [2.3]
- 72 hour 158°F (70°C)
70 (7.7) [2.0]
90 (9.9) [2.6]
ASTM D3330 - 180 degree, 2 mil Al foil
- 72 hour RT
85 (9.3) [2.4]
100 (10.9) [2.8]
Adhesion to other surfaces*
ASTM D3330 - 90 degree,
2 mil Al foil, 72 hour RT
ABS
50 (5.5) [1.4]
60 (6.6) [1.7]
Acrylic
55 (6.0) [1.6]
60 (6.6) [1.7]
Polycarbonate
35 (3.8) [1.0]
60 (6.6) [1.7]
Shear Strength - ASTM D3654 modified -
(.5 inch2 sample size)
1000 grams at 72°F (22°C)
>10,000 minutes
>10,000 minutes
500 grams at 158°F (70°C)
>10,000 minutes
>10,000 minutes
Relative High Temperature
Operating Ranges:
Long Term (days, weeks)
250°F (121°C)
250°F (121°C)
Short Term (minutes, hours)
300°F (149°C)
300°F (149°C)
Dielectric Properties:
3M™ Double Coated Tapes 9495MP,
9495MPF and 9495B
Dielectric Strength
Not Available
1373 volts/mil
Breakdown Voltage
Not Available
7800 volts
Maximum Length
1/4" to 1"
144 yd. (132 m)
1" to 54"
360 yd. (329 m)
Available Widths
Minimum
1/4" (6.35 mm)
Maximum
54" (1372 mm)
Normal Slitting Tolerance
±1/32" (0.8 mm)
Core Size
3.0" (76.2 mm)
Available Sizes
*Not recommended for low energy plastics (polypropylene, polyethylene). For these surfaces, please refer to 3M™ Laminating Adhesive 300MP and 300LSE.
Roll length, width, slitting tolerance, core size.
Available Lengths (Subject to minimum order requirements)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com