Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9495MPF Datasheet(PDF) 3 Page - 3M Electronics

Part # 9495MPF
Description  Double Coated Tapes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9495MPF Datasheet(HTML) 3 Page - 3M Electronics

  9495MPF Datasheet HTML 1Page - 3M Electronics 9495MPF Datasheet HTML 2Page - 3M Electronics 9495MPF Datasheet HTML 3Page - 3M Electronics 9495MPF Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(3)
3M
™ Double Coated Tapes with 9492MP
• 9495MP • 9495MPF • 9495B
Application Techniques
Bond strength is dependent upon the amount of adhesive-to-surface contact developed. Firm application pressure and
moderate heat, from 100°F (38°C) to 130°F (54°C), will assist the adhesive in developing intimate contact with the
bonding surface.
To obtain optimum adhesion, the bonding surfaces must be clean, dry and well unified. Some typical surface cleaning
solvents are isopropyl alcohol or heptane.*
Ideal tape application temperature range is 70°F to 100°F (21°C to 38°C). Initial tape application to surfaces at temperatures
below 50°F (10°C) is not recommended because the adhesive becomes too firm to adhere readily. However, once properly
applied, low temperature holding is generally satisfactory.
*Note: Carefully read and follow the manufacturer’s precautions and directions for use when working with solvents.
These cleaning recommendations may not be compliant with the rules of certain Air Quality Management
Districts in California; consult applicable rules before use.
Application Equipment
To apply adhesives in a wide web format, lamination equipment is required to ensure acceptable quality. To learn more
about working with pressure-sensitive adhesives please refer to technical bulletin, Lamination Techniques for Converters
of Laminating Adhesives (70-0704-1430-8).
For additional dispenser information, contact your local 3M sales representative, or the toll free 3M sales assistance number
at 1-800-251-8634.
Adding Liners to 3M™ Double Coated Tapes with 3M™ Laminating Adhesive 200MP
1. Rotary processing, tape only, on a densified (outside of #4994) kraft liner. In this process the tape waste will stay with
the 58# PCK liner, leaving adhesive die-cuts dispensable from the #4994 (densified kraft) liner.
2. Rotary processing for finished parts. It is most efficient to use the polyester linered double coat (3M™ Double Coated
Tape 9495MPF). Current process limitations prevent the supply of the 3M™ Laminating Adhesive 200MP on a DK liner.
Environmental Performance
Humidity Resistance: High humidity has minimal effect on adhesive performance. No significant reduction in bond
strength is observed after exposure for seven days at 90°F (32°C) and 90% relative humidity.
UV Resistance: When properly applied, nameplates and decorative trim parts are not adversely affected by exposure to
direct sunlight.
Water Resistance: Immersion in water has no appreciable effect on the bond strength. After 100 hours at room
temperature, the high bond strength is maintained.
Temperature Cycling Resistance: High bond strength is maintained after cycling four times through:
4 hours at 158°F (70°C)
4 hours at -20°F (-29°C)
4 hours at 73°F (22°C)
Chemical Resistance: When properly applied, nameplate and decorative trim parts will hold securely after exposure to
numerous chemicals including oil, mild acids and alkalis.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com