Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP100 Datasheet(PDF) 2 Page - 3M Electronics

Part # DP100
Description  Epoxy Adhesives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP100 Datasheet(HTML) 2 Page - 3M Electronics

  DP100 Datasheet HTML 1Page - 3M Electronics DP100 Datasheet HTML 2Page - 3M Electronics DP100 Datasheet HTML 3Page - 3M Electronics DP100 Datasheet HTML 4Page - 3M Electronics DP100 Datasheet HTML 5Page - 3M Electronics DP100 Datasheet HTML 6Page - 3M Electronics DP100 Datasheet HTML 7Page - 3M Electronics DP100 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3M™ Scotch-Weld™
Epoxy Adhesives
DP-100 Clear • DP-100 NS Translucent
- 2 -
Typical Cured
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Product
3M™ Scotch-Weld™ Epoxy Adhesive
DP-100 Clear
DP-100 NS Translucent
Physical:
Colour
Translucent11
Translucent11
Shore D Hardness
(ASTM D 2240)
80-85
80-85
Time to Handling Strength5
15-20 min. @ 23°C (73°F)
15-20 min. @ 23°C (73°F)
Cure Time6
24-48 hours @ 23°C (73°F)
24-48 hours @ 23°C (73°F)
Thermal:
Wt. loss by Thermal
Gravimetric Analysis7
5% @ 307°C (585°F)
Glass Transition Temp8
33°C (91°F)
34°C (86°F)
Coefficient of Thermal9
Expansion (in./in./°C)
60 x 10-6 (-40°C to +20°C) (-
38°F to +68°F)
209 x 10-6 (60°C to 120°C)
(+140°F to +248°F)
29 x 10-6 (-50°C to +30°C) (-
56°F to +86°F)
149 x 10-6 (50°C to 110°C)
(+122°F to +230°F)
Thermal Conductivity10
(btu-ft./sq. ft.-hr. °F)
0.107 @ 46°C (115°F)
0.106 @ 45°C (113°F)
Electrical:
Dielectric Strength
(ASTM D 149)
860 volts/mil
1100 volts/mil
Volume Resistivity
(ASTM D 257)
3.5 x 1012 ohm-cm
2.2 x 1014 ohm-cm
5. Handling strength determined per 3M test method C-3179. Time to handling strength is the time required to achieve 50 psi
OLS strength to aluminum.
6. The cure time is defined as the time required for the adhesive to achieve a minimum of 80% of its ultimate OLS on aluminum.
7. Weight loss by Thermal Gravimetric Analysis reported as that temperature at which 5% weight loss occurs by TGA in air at 5°C
(41°F) rise per minute per ASTM 1131-86 Test Procedures.
8. Glass transition temperature (Tg) determined using Perkin Elmer (DSC) Analyzer with a heating rate of 20°C (68°F) per minute.
Second heat values given.
9. Coefficient of thermal expansion determined using DuPont (TMA) using a heating rate of 10°C (50°F) per minute. Second heat
values given.
10. Thermal conductivity determined using ASTM C177 and C-matic Instrument with 2 in. diameter samples.
11. Colour may vary from nearly white to yellow/amber. Adhesive performance is not affected by colour variation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com