Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP016D-RBLE:P Datasheet(PDF) 45 Page - Integrated Silicon Solution, Inc

Part # IS25LP016D-RBLE:P
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-RBLE:P Datasheet(HTML) 45 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-RBLE:P Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS25LP016D-RBLE:P Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS25LP016D-RBLE:P Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS25LP016D-RBLE:P Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS25LP016D-RBLE:P Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS25LP016D-RBLE:P Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS25LP016D-RBLE:P Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS25LP016D-RBLE:P Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS25LP016D-RBLE:P Datasheet HTML 49Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
45
Rev. B10
03/09/2020
8.10 ERASE OPERATION
The
Erase command sets all bits in the addressed sector or block to “1”s.
The memory array of the device is organized into uniform 4 Kbyte sectors or 32/64 Kbyte uniform blocks (a block
consists of eight/sixteen adjacent sectors respectively).
Before a byte is
reprogrammed, the sector or block that contains the byte must be erased (erasing sets bits to “1”).
In order to erase the device, there are three erase instructions available: Sector Erase (SER), Block Erase (BER)
and Chip Erase (CER). A sector erase operation allows any individual sector to be erased without affecting the
data in other sectors. A block erase operation erases any individual block. A chip erase operation erases the whole
memory array of a device. A sector erase, block erase, or chip erase operation can be executed prior to any
programming operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com