Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2517FD-H/SL Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP2517FD-H/SL
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD-H/SL Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP2517FD-H/SL Datasheet HTML 51Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 52Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 53Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 54Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 55Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 56Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 57Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 58Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 98 page
background image
 2017-2018 Microchip Technology Inc.
DS20005688B-page 55
MCP2517FD
REGISTER 3-29:
CiFIFOSTAm – FIFO STATUS REGISTER m, (m = 1 TO 31)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 31
bit 24
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 23
bit 16
U-0
U-0
U-0
R-0
R-0
R-0
R-0
R-0
—
—
—
FIFOCI<4:0>( 1)
bit 15
bit 8
HS/C-0
HS/C-0
HS/C-0
HS/C-0
HS/C-0
R-0
R-0
R-0
TXABT( 2)( 3)
TXLARB
( 2)( 3)
TXERR( 2)( 3)
TXATIF
RXOVIF
TFERFFIF
TFHRFHIF
TFNRFNIF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-13
Unimplemented:
Read as ‘0’
bit 12-8
FIFOCI<4:0>:
FIFO Message Index bits( 1)
TXEN = 1 (FIFO is configured as a Transmit FIFO)
A read of this bit field will return an index to the message that the FIFO will next attempt to transmit.
TXEN = 0 (FIFO is configured as a Receive FIFO)
A read of this bit field will return an index to the message that the FIFO will use to save the next
message
bit 7
TXABT:
Message Aborted Status bit( 2)( 3)
1
= Message was aborted
0
= Message completed successfully
bit 6
TXLARB:
Message Lost Arbitration Status bit( 2)( 3)
1
= Message lost arbitration while being sent
0
= Message did not lose arbitration while being sent
bit 5
TXERR:
Error Detected During Transmission bit( 2)( 3)
1
= A bus error occurred while the message was being sent
0
= A bus error did not occur while the message was being sent
bit 4
TXATIF:
Transmit Attempts Exhausted Interrupt Pending bit
TXEN = 1 (FIFO is configured as a Transmit FIFO)
1
= Interrupt pending
0
= Interrupt not pending
TXEN = 0 (FIFO is configured as a Receive FIFO)
Read as ‘0’
Note 1:
FIFOCI<4:0> gives a zero-indexed value to the message in the FIFO. If the FIFO is 4 messages deep
(FSIZE=5’h03) FIFOCI will take on a value of 0 to 3 depending on the state of the FIFO.
2:
This bit is cleared when TXREQ is set or by writing a 0 using the SPI.
3:
This bit is updated when a message completes (or aborts) or when the FIFO is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com