Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSB772Q Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSB772Q
Description  Audio Frequency Power Amplifier and Low Speed Switching
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSB772Q Datasheet(HTML) 1 Page - Continental Device India Limited

  CSB772Q Datasheet HTML 1Page - Continental Device India Limited CSB772Q Datasheet HTML 2Page - Continental Device India Limited CSB772Q Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP PLASTIC POWER TRANSISTOR
CSB772
TO126
Plastic Package
Complementary CSD882
Audio Frequency Power Amplifier and Low Speed Switching
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Base Voltage(open emitter)
VCBO
>40
V
Collector Emitter Voltage (open base)
VCEO
>30
V
Emitter Base Voltage(open collector)
VEBO
>5.0
V
Collector Current (DC)
IC
<3.0
A
Collector Current (Pulse) (1)
IC
<7
A
Base Current (DC)
IB
<0.6
A
Total Power Dissipation@ Tc=25ºC
Ptot
<10
W
Total Power Dissipation@ Ta=25ºC
Ptot
<1.0
W
Junction Temperature
Tj
<150
ºC
Storage Temperature
Tstg
-65 to +150
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector-Cut off Current
ICBO
IE =0, VCB =30V
1.0
µA
Emitter cut off Current
IEBO
VEB =3V, IC =0
1.0
µA
Breakdown Voltages
VCEO
IC =1mA, IB =0
30
V
VCBO
IC =1mA, IE =0
40
V
VEBO
IC =0, IE =1mA
5V
Saturation Voltages
VCE (sat)* IC=2A, IB=0.2A
0.5
V
VBE (sat)*
2.0
V
DC Current Gain
hFE*IC=20mA,VCE=2V
30
hFE*IC=1.0A,VCE=2V**
60
400
Output Capacitance at f=1MHz
CO
IE =0, VCB =10V
55
pF
Transition Frequency
fT
IC=0.1A, VCE=5V
80
MHz
* Pulse test : pulse width < 350
µs, Duty cycle < 2%
(1) PW = 10ms, Duty Cycle < 50%
**hFE classification : R :60-120
Q :100-200
P: 160-320
E: 200-400
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company
IC=2A, IB=0.2A


Similar Part No. - CSB772Q

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSB764 CDIL-CSB764 Datasheet
718Kb / 4P
EPITAXIAL PLANAR SILICON TRANSISTORS
CSB764PNP CDIL-CSB764PNP Datasheet
718Kb / 4P
EPITAXIAL PLANAR SILICON TRANSISTORS
More results

Similar Description - CSB772Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD381 ETC-2SD381 Datasheet
45Kb / 1P
Audio Frequency Power Amplifier,Low Speed Switching
2SD795 ETC-2SD795 Datasheet
42Kb / 1P
Audio Frequency Power Amplifier,Low Speed Switching
2SD809 ETC-2SD809 Datasheet
39Kb / 1P
Audio Frequency Power Amplifier,Low Speed Switching
2SD1564 ETC-2SD1564 Datasheet
57Kb / 2P
Audio Frequency Power Amplifier and Low Speed Switching Industrial Use
2SD1590 ETC-2SD1590 Datasheet
66Kb / 2P
Audio Frequency Power Amplifier and Low Speed Switching Industrial Use
logo
Continental Device Indi...
CSD882 CDIL-CSD882 Datasheet
136Kb / 3P
Audio Frequency Power Amplifier and Low Speed Switching Applications
logo
Toshiba Semiconductor
2SA1359 TOSHIBA-2SA1359_07 Datasheet
130Kb / 4P
Audio Frequency Power Amplifier Low-Speed Switching
logo
First Silicon Co., Ltd
FTB772 FS-FTB772 Datasheet
117Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
FTD882 FS-FTD882 Datasheet
120Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
FTD882S FS-FTD882S Datasheet
218Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com