Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2561FD Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP2561FD
Description  High-Speed CAN Flexible Data Rate Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2561FD Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP2561FD Datasheet HTML 12Page - Microchip Technology MCP2561FD Datasheet HTML 13Page - Microchip Technology MCP2561FD Datasheet HTML 14Page - Microchip Technology MCP2561FD Datasheet HTML 15Page - Microchip Technology MCP2561FD Datasheet HTML 16Page - Microchip Technology MCP2561FD Datasheet HTML 17Page - Microchip Technology MCP2561FD Datasheet HTML 18Page - Microchip Technology MCP2561FD Datasheet HTML 19Page - Microchip Technology MCP2561FD Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
MCP2561/2FD
DS20005284A-page 16
 2014 Microchip Technology Inc.
FIGURE 2-10:
TIMING DIAGRAM FOR LOOP DELAY SYMMETRY
TXD
5*tBIT(TXD)
tBIT(TXD)
tBIT(RXD)
RXD
8
Note:
The bit time of a recessive bit after five dominant bits is measured on the RXD pin. Due
to asymmetry of the loop delay, and the CAN transceiver not being a push pull driver,
the recessive bits tend to shorten.
2.6
Thermal Specifications
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
C
-40
—
+150
Operating Temperature Range
TA
-40
—
+150
C
Storage Temperature Range
TA
-65
—
+155
C
Thermal Package Resistances
Thermal Resistance, 8L-DFN 3x3
JA
—
56.7
—
C/W
Thermal Resistance, 8L-PDIP
JA
—
89.3
—
C/W
Thermal Resistance, 8L-SOIC
JA
—
149.5
—
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com