Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2561FD-E/P Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP2561FD-E/P
Description  High-Speed CAN Flexible Data Rate Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2561FD-E/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP2561FD-E/P Datasheet HTML 9Page - Microchip Technology MCP2561FD-E/P Datasheet HTML 10Page - Microchip Technology MCP2561FD-E/P Datasheet HTML 11Page - Microchip Technology MCP2561FD-E/P Datasheet HTML 12Page - Microchip Technology MCP2561FD-E/P Datasheet HTML 13Page - Microchip Technology MCP2561FD-E/P Datasheet HTML 14Page - Microchip Technology MCP2561FD-E/P Datasheet HTML 15Page - Microchip Technology MCP2561FD-E/P Datasheet HTML 16Page - Microchip Technology MCP2561FD-E/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005284A-page 13
MCP2561/2FD
FIGURE 2-3:
TEST LOAD CONDITIONS
2.4
AC Characteristics
Electrical Characteristics: Extended (E): TAMB = -40°C to +125°C and High (H): TAMB = -40°C to +150°C;
VDD = 4.5V to 5.5V, VIO = 1.8V to 5.5V (Note 2), RL = 60
CL = 100 pF; unless otherwise specified.
Param.
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
1
tBIT
Bit Time
0.2
—
69.44
µs
2
fBIT
Bit Frequency
14.4
—
5000
kHz
3
tTXD-BUSON Delay TXD Low to Bus Dominant
—
65
—
ns
(Note 1)
4
tTXD-BUSOFF Delay TXD High to Bus Recessive
—
90
—
ns
(Note 1)
5
tBUSON-RXD Delay Bus Dominant to RXD
—
60
—
ns
(Note 1)
6
tBUSOFF-RXD Delay Bus Recessive to RXD
—
65
—
ns
(Note 1)
7
tTXD - RXD
Propagation Delay TXD to RXD
—
90
120
ns
—
120
180
ns
RL = 120
CL = 200 pF,
(Note 1)
8a
tBIT(RXD),2M
Recessive bit time on RXD -
2 Mbps, Loop Delay Symmetry
450
485
550
ns
tBIT(TXD) = 500 ns,
see Figure 2-10
400
460
550
ns
tBIT(TXD) = 500 ns,
see Figure 2-10,
RL = 120
CL = 200 pF,
(Note 1)
8b
tBIT(RXD),5M
Recessive bit time on RXD -
5 Mbps, Loop Delay Symmetry
160
185
220
ns
tBIT(TXD) = 200 ns,
see Figure 2-10
8c
tBIT(RXD),8M
Recessive bit time on RXD -
8 Mbps, Loop Delay Symmetry
85
105
140
ns
tBIT(TXD) = 120 ns,
see Figure 2-10
(Note 1)
9
tFLTR(WAKE) Delay Bus Dominant to RXD
(Standby mode)
0.5
1
4
µs
Standby mode
10
tWAKE
Delay Standby
to Normal Mode
5
25
40
µs
Negative edge on STBY
11
tPDT
Permanent Dominant Detect Time
—
1.25
—
ms
TXD = 0V
12
tPDTR
Permanent Dominant Timer Reset
—
100
—
ns
The shortest Recessive
pulse on TXD or CAN bus
to reset Permanent
Dominant Timer
Note 1: Characterized, not 100% tested.
VDD/2
CL
RL
Pin
Pin
VSS
VSS
CL
RL = 464
CL = 50 pF
for all digital pins
Load Condition 1
Load Condition 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com