Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH30J3 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # CH30J3
Description  Fuse-holder, low voltage, 30 A, AC 600 V, DC 600 V, UL Class J, 98 x 72 x 117 mm, 3P, UL, CSA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CH30J3 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  CH30J3 Datasheet HTML 1Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATASHEET - 30AJ MODULAR FUSEHOLDER 3 POLE
Fuse-holder, low voltage, 30 A, AC 600 V, DC 600 V, UL Class J, 98 x 72 x
117 mm, 3P, UL, CSA
Part no. 
30AJ MODULAR FUSEHOLDER 3 POLE
Catalog No. 
CH30J3
 
 
Delivery program
Product range
 
 
Fuse accessory
Basic function
 
 
Fuse-holder
Field of application
 
 
low voltage
Rated current
I
A
30
Rated voltage
 
 
AC 600 V
DC 600 V
Construction size
 
 
UL Class J
Size
 
 
98 x 72 x 117 mm
Description
 
 
35 mm DIN rail
Panel Mounting
Protection
 
 
IP20
Breaking Capacity
 
kA
200
Number of poles
 
 
3P
usable for size/applications
 
 
Class J fuses up to 30 A
Standard/Approval
 
 
UL
CSA
Standards/Regulations
 
 
UL 512
Technical data ETIM 7.0
Circuit breakers and fuses (EG000020) / Low Voltage HRC fuse base (EC000067)
Electric engineering, automation, process control engineering / Electrical installation, device / Safety fuse systems / Low-Voltage HRC fuse base (ecl@ss10.0.1-27-14-21-06 [AKE278013])
Construction size
 
 
Other
Number of poles
 
 
3
Rated current
 
A
30
Bus-mounting type
 
 
No
Swivelling mechanism
 
 
No
09/02/2020
Eaton Industries GmbH
http://www.eaton.eu
© 08/2020 by Eaton Industries GmbH
Eaton CH30J3 ED2020 V71.0 EN
1 / 1


Similar Part No. - CH30J3

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CH30J3I EATON-CH30J3I Datasheet
156Kb / 2P
CH Series Modular Fuse Holders
More results

Similar Description - CH30J3

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MN-UK SHIELD-MN-UK Datasheet
77Kb / 1P
PVC, HAR-UL-CSA tri-norm, 600 V
logo
Eaton All Rights Reserv...
CH60J3 EATON-CH60J3 Datasheet
165Kb / 1P
Fuse-holder, low voltage, 60 A, AC 600 V, DC 600 V, UL Class J, 120 x 83 x 125 mm, 3P, UL, CSA
logo
Schneider Electric
GS2GU3N SCHNEIDER-GS2GU3N Datasheet
142Kb / 3P
TeSys GS, disconnect switch, fuse, 3 P, 600 V, UL 60 A, Type J fuse
Jul 18, 2021
GS1DU3 SCHNEIDER-GS1DU3 Datasheet
124Kb / 3P
TeSys GS, disconnect switch, fuse, 3 P, 600 V, UL 30 A, Type J fuse
Jul 18, 2021
GS1DDU3 SCHNEIDER-GS1DDU3 Datasheet
141Kb / 3P
TeSys GS, disconnect switch, fuse, 3 P, 600 V, UL 30 A, Type CC fuse
Jul 18, 2021
GS2GU3N SCHNEIDER-GS2GU3N_V01 Datasheet
155Kb / 3P
TeSys GS, disconnect switch, fuse, 3 P, 600 V, UL 60 A, Type J fuse
Jun 29, 2022
GS1DU3 SCHNEIDER-GS1DU3_V01 Datasheet
137Kb / 3P
TeSys GS, disconnect switch, fuse, 3 P, 600 V, UL 30 A, Type J fuse
Jun 30, 2022
logo
Marathon Special Produc...
R6F30AXB MARATHON-R6F30AXB Datasheet
76Kb / 2P
Reinforced Class H Fuse Holder 30 Amps, 600 Volts AC/DC
REV B 8/29/11
R6F30AXS MARATHON-R6F30AXS Datasheet
89Kb / 2P
Reinforced Class H Fuse Holder 30 Amps, 600 Volts AC/DC
REV B 8/29/11
R6F30AXSP MARATHON-R6F30AXSP Datasheet
99Kb / 2P
Reinforced Class H Fuse Holder 30 Amps, 600 Volts AC/DC
REV B 8/29/11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com