Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM9921PR Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9921PR
Description  High-Voltage LED DRriver with Build-In MOSFET Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9921PR Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9921PR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9921PR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9921PR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9921PR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9921PR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9921PR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
/
/
2
BLOCK DIAGRAM
DRAIN
S
Q
R
Q
VREF
-
+
REGULATOR
7.5 V
R1
REFERENCE
VOLTAGE
SOURCE
VDD
VT2
VT1
RC-OSCILLATOR
DELAY LINE
FORMER
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com