Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM9923PR Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9923PR
Description  High-Voltage LED DRriver with Build-In MOSFET Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9923PR Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9923PR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9923PR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9923PR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9923PR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9923PR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9923PR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
HIGH-VOLTAGE LED DRIVER
WITH BUILD-IN MOSFET SWITCH
FEATURES
▪
Operating temperature range -40 ..+85 ºС
▪
ON-resistance of the MOSFET switch
210 Ohm for ambient temperature 25 ºС
▪
OFF-state breakdown voltage of the
MOSFET switch not less 500 V for
Ambient temperature 25 ºC.
ORDERING INFORMATION
Device
Operating
Temperature Range
Package
Packing
HM9921T, HM9922T, HM9923T
ТА = - 40 ... + 85 С
TO-92
Tape
HM9921PR, HM9922PR, HM9923PR
SOT-89
Tape & Reel
DESCRIPTION
HM9921, HM9922, HM9923 are high-voltage LED driver control ICs with build-in MOSFET switch
and purposed for LED lighting control.
They allow efficient operation of LED strings from voltage sources ranging up to 400VDC.
The HM9921/2 includes an internal high-voltage switching MOSFET controlled with fixed off-time
TOFF of approximately 10µs. The LED string is driven at constant current, thus providing constant
light output and enhanced reliability. The output current is internally fixed at 20mA for HM9921,
50mA for HM9922 and 30mA for HM9923. The peak current control scheme provides good regulation
of the output current throughout the universal AC line voltage range of 85 to 264V AC or DC input
voltage of 20 to 400V.
PIN DESCRIPTION
Pin No
Symbol
Description
1
Drain
This is a drain terminal of the output switching MOSFET and a
linear Regulator input.
2
GND
This is a common connection for all circuits
3
V DD
This is a power supply pin for all control circuits.
Bypass this pin with a 0.1uF low impedance capacitor.
HM9921/2/3
3. VDD
2. GND
1.Drain
2.
1
2
3
1.Drain
2.GND
3.VDD
SOT-89
TO-92
/
/
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com


Similar Part No. - HM9923PR

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM9920 HMSEMI-HM9920 Datasheet
456Kb / 7P
Built-in MOS switch step-down LED constant current driver
HM9922 HMSEMI-HM9922 Datasheet
494Kb / 7P
Switching step-down LED constant current driver
HM9926B HMSEMI-HM9926B Datasheet
491Kb / 7P
Dual N-Channel Enhancement Mode Power MOSFET
HM9927 HMSEMI-HM9927 Datasheet
306Kb / 4P
LED linear constant current drive circuit
HM9928 HMSEMI-HM9928 Datasheet
340Kb / 5P
LED Emergency Lighting driver
More results

Similar Description - HM9923PR

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN90S2323D INTEGRAL-IN90S2323D Datasheet
189Kb / 9P
8-BIT MICROCONTROLLER WITH 2K BYTES BUILD-IN PROGRAMMABLE FLASH
logo
Vectron International, ...
C3310 VECTRON-C3310 Datasheet
154Kb / 5P
Low Phase Noise Build in PLL-Circuit
logo
Integrated Silicon Solu...
IS31LT3918 ISSI-IS31LT3918 Datasheet
270Kb / 11P
HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
logo
List of Unclassifed Man...
426061400-3 ETC2-426061400-3 Datasheet
15Kb / 2P
800mm SAMSUNG LTA460H2-L02 BUILD-IN
logo
Megawin Technology Co.,...
MA015 MEGAWIN-MA015 Datasheet
564Kb / 29P
Build-in watchdog timer
MG65PG5A08A MEGAWIN-MG65PG5A08A Datasheet
1Mb / 48P
Build-in a watchdog timer
logo
Unisonic Technologies
UD05121G-AF5-R UTC-UD05121G-AF5-R Datasheet
243Kb / 7P
Build-in soft start function
logo
Integrated Silicon Solu...
IS31LT3918-GRLS2 ISSI-IS31LT3918-GRLS2 Datasheet
270Kb / 11P
HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
logo
IK Semicon Co., Ltd
IK2312 IKSEMICON-IK2312 Datasheet
690Kb / 8P
HIGH-VOLTAGE LED DRIVER WITH BUILT-IN MOSFET SWITCH
logo
Shanghai Leiditech Elec...
LP14040P LEIDITECH-LP14040P Datasheet
2Mb / 13P
Build in 40V Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com