Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23DB01HP Datasheet(PDF) 11 Page - STMicroelectronics

Part # MP23DB01HP
Description  digital microphone with multiple performance modes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23DB01HP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button MP23DB01HP Datasheet HTML 7Page - STMicroelectronics MP23DB01HP Datasheet HTML 8Page - STMicroelectronics MP23DB01HP Datasheet HTML 9Page - STMicroelectronics MP23DB01HP Datasheet HTML 10Page - STMicroelectronics MP23DB01HP Datasheet HTML 11Page - STMicroelectronics MP23DB01HP Datasheet HTML 12Page - STMicroelectronics MP23DB01HP Datasheet HTML 13Page - STMicroelectronics MP23DB01HP Datasheet HTML 14Page - STMicroelectronics MP23DB01HP Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DocID034289 Rev 2
11/15
MP23DB01HP
Package information
15
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Soldering information
The RHLGA (3.5 x 2.65 x 0.98) mm package is also compliant with the RoHS and “Green”
standards and is qualified for soldering heat resistance according to JEDEC J-STD-020.
Landing pattern and soldering recommendations are available at www.st.com.
Figure 6. Recommended soldering profile limits
Table 9. Recommended soldering profile limits
Description
Parameter
Pb free
Average ramp rate
TL to TP
3 °C/sec max
Preheat
Minimum temperature
Maximum temperature
Time (TSMIN to TSMAX)
TSMIN
TSMAX
tS
150 °C
200 °C
60 sec to 120 sec
Ramp-up rate
TSMAX to TL
Time maintained above liquidous
temperature
Liquidous temperature
tL
TL
60 sec to 150 sec
217 °C
Peak temperature
TP
260 °C max
Time within 5 °C of actual peak temperature
20 sec to 40 sec
T25 °C to PEAK
RAMP -DOWN
RAMP -UP
ts
PREHEAT
t
L
t
p
CRITICAL ZONE
T
L to T P
T
SMAX
T
SMIN
TIME
T
P
T
L
30
60
90
120
150
180
210
240
270
300
330
360
390



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com