Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23DB01HPTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # MP23DB01HPTR
Description  digital microphone with multiple performance modes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23DB01HPTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button MP23DB01HPTR Datasheet HTML 7Page - STMicroelectronics MP23DB01HPTR Datasheet HTML 8Page - STMicroelectronics MP23DB01HPTR Datasheet HTML 9Page - STMicroelectronics MP23DB01HPTR Datasheet HTML 10Page - STMicroelectronics MP23DB01HPTR Datasheet HTML 11Page - STMicroelectronics MP23DB01HPTR Datasheet HTML 12Page - STMicroelectronics MP23DB01HPTR Datasheet HTML 13Page - STMicroelectronics MP23DB01HPTR Datasheet HTML 14Page - STMicroelectronics MP23DB01HPTR Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package information
MP23DB01HP
12/15
DocID034289 Rev 2
Figure 7. RHLGA 3.5 x 2.65 x 0.98 mm (metal cap) 5L package outline
Ramp-down rate
6 °C/sec max
Time 25 °C (t25 °C) to peak temperature
8 minutes max
Table 9. Recommended soldering profile limits (continued)
Description
Parameter
Pb free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com