Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE1500TH Datasheet(PDF) 1 Page - Emerson Network Power

Part # CE1500TH
Description  ICE International Series : 750 - 2000 VA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

CE1500TH Datasheet(HTML) 1 Page - Emerson Network Power

  CE1500TH Datasheet HTML 1Page - Emerson Network Power CE1500TH Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For product information:
www.solahd.com
1.800.377.4384
ICE IntErnatIonal SErIES: 750 - 2000 Va
International CE marked transformers include IP20 touchproof terminations
and copper windings in an encapsulated design. These units range from 750
to 2000 VA with 80oC temperature rise. The design is highly flexible due
to the use of the standardized primary coil for multiple worldwide voltage
combinations. CE marked and cULus approval make the ICE International
Series the perfect choice for OEM export equipment.
FEaturES
• IP20 Touch-Proof terminals
• Copper windings
• Epoxy encapsulated for cooler operation
and increased reliability
• 80°C rise temp, 130°C insulation system for harsh, heavy-duty standards
• 50/60 Hz Frequency
• Meets or exceeds electrical requirements of NEMA, ANSI and IEC
CErtIFICatIonS and ComplIanCES
•
Listed: E77014
- UL 506
- CSA C22.2 No. 66
•
-IEC 61558-1, IEC 61558-2-2
• RoHS Compliant
rElatEd produCtS
• DIN Rail Power Supplies
• 63 Series Power Conditioners
• Surge Protective Devices
dESIgn StylE
Top View
Profile


Similar Part No. - CE1500TH

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
CE1 MULTICOMP-CE1 Datasheet
19Kb / 1P
CE1 - Closed End Connector
25/09/07 REV A
logo
CamdenBoss Ltd.
CE10 CAMDENBOSS-CE10 Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE10.00.D000 CAMDENBOSS-CE10.00.D000 Datasheet
313Kb / 1P
30mm Limit Switches for Lift Door Control
Vers 1
CE10.00.D090 CAMDENBOSS-CE10.00.D090 Datasheet
313Kb / 1P
30mm Limit Switches for Lift Door Control
Vers 1
CE10.00.D180 CAMDENBOSS-CE10.00.D180 Datasheet
313Kb / 1P
30mm Limit Switches for Lift Door Control
Vers 1
More results

Similar Description - CE1500TH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
ICE car radio
September 1993
logo
List of Unclassifed Man...
782XBXM4L-12D ETC2-782XBXM4L-12D Datasheet
303Kb / 5P
700 SERIES ICE CUBE POWER RELAYS
logo
Amphenol Corporation
K170 AMPHENOL-K170 Datasheet
46Kb / 2P
Ice Point Reference
logo
Schneider Electric
781XAXRM4L-24D SCHNEIDER-781XAXRM4L-24D Datasheet
167Kb / 3P
ICE CUBE RELAYS
10/29/2019
logo
Bel Fuse Inc.
STP-0100-2115 BEL-STP-0100-2115 Datasheet
817Kb / 2P
Power in the Round 100 VA to 2000 VA
logo
Wall Industries,Inc.
763-4750-010-000 WALL-763-4750-010-000 Datasheet
269Kb / 4P
Gateway; 750 Series
logo
Weidmuller
2680180000 WEIDMULLER-2680180000 Datasheet
530Kb / 3P
Primary current: 2000 A, Secondary current max.: 5 A, Load: 10 VA
November 4, 2021
2680240000 WEIDMULLER-2680240000 Datasheet
529Kb / 3P
Primary current: 2000 A, Secondary current max.: 5 A, Load: 10 VA
November 4, 2021
logo
Hammond Manufacturing L...
260G HAMMOND-260G Datasheet
124Kb / 2P
Plate & Filament - 22 VA to 248 VA 260 Series
2/6/2021
logo
ATMEL Corporation
ATATMEL-ICE ATMEL-ATATMEL-ICE Datasheet
2Mb / 61P
The Atmel-ICE Debugger
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com