Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE1000MH Datasheet(PDF) 2 Page - Emerson Network Power

Part # CE1000MH
Description  ICE International Series : 750 - 2000 VA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

CE1000MH Datasheet(HTML) 2 Page - Emerson Network Power

  CE1000MH Datasheet HTML 1Page - Emerson Network Power CE1000MH Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
United States: 1.800.621.1506 | Asia/Pacific: + 65.6556.1100 | Australia: + 61.3.9721.0348
Canada: + 1.888.765.2226 | China: + 86.21.3338.7000 | Europe: + 33.3.22.54.13.90
Mexico/Latin America: + 52.55.5809.5049 | Middle East/Africa/India: + 971.4.811.8100
www.solahd.com
Appleton Grp LLC d/b/a Appleton Group. The SolaHD and Emerson logos are registered in the U.S. Patent and Trademark Office.
All other product or service names are the property of their registered owners. © 2016, Appleton Grp LLC. All rights reserved.
SElECtIon tablES: IntErnatIonal SErIES
group 5 – 240/415/480 Volt primary, 120/240 Volt Secondary, 50/60 Hz
230/400/460 Volt primary, 115/230 Volt Secondary, 50/60 Hz
220/380/440 Volt primary, 110/220 Volt Secondary, 50/60 Hz
Continuous
Va
Instantaneous
Va 
Catalog
number
Height
in (mm)
Width
in (mm)
depth
in (mm)
mtg
Width
"W"
mtg depth
"d"
Slot Size -
inches (mm)
approx.
Ship Weight lbs
(kg)
440/460/480
H4
H3
H2
380/400/415
220/230/240
H1
0
0
50/60 Hz
X3
X4
230 (460/400/230)
240 (480/415/240)
220 (440/380/220)
120 (480/415/240)
115 (460/400/230)
110 (440/380/220)
X3
X1
X2 X4
X3
X1
X2 X4
X2
X1
1000
2500
CE1000tH
5.63
(143.0)
6.38
(162.1)
6.00
(152.4)
5.31
(135.0)
4.25
(108.0)
.31 x .69
(7.87 x 17.52)
25 (11.36)
1500
4200
CE1500tH
5.63
(143.0)
6.38
(162.1)
6.75
(171.5)
5.31
(135.0)
5.00
(127.0)
.31 x .69
(7.87 x 17.52)
32 (14.55)
2000
6000
CE2000tH
5.63
(143.0)
6.38
(162.1)
7.75
(196.9)
5.31
(135.0)
6.00
(152.4)
.31 x .69
(7.87 x 17.52)
37 (16.82)
group 6 – 208/240/415/480/600 Volt primary, 120/240 Volt Secondary, 50/60 Hz
200/230/400/460/575 Volt primary, 115/230 Volt Secondary, 50/60 Hz
- /220/380/440/550 Volt primary, 110/220 Volt Secondary, 50/60 Hz
Continuous
Va
Instantaneous
Va 
Catalog
number
Height
in (mm)
Width
in (mm)
depth
in (mm)
mtg
Width
"W"
mtg depth
"d"
Slot Size -
inches (mm)
approx.
Ship Weight lbs
(kg)
440/460/480
550/575/600
H6
H4
H3
H5
380/400/415
220/230/240
H1
0
0
50/60 Hz
X3
X4
230 (575/460/400/230/200)
240 (600/480/415/240/208)
220 (550/440/380/220/-)
120 (600/480/415/240/208)
115 (575/460/400/230/200)
110 (550/440/380/220/-)
X3
X1
X2 X4
X3
X1
X2 X4
X2
X1
1000
2500
CE1000mH
5.63
(143.0)
6.38
(162.1)
6.00
(152.4)
5.31
(135.0)
4.25
(108.0)
.31 x .69
(7.87 x 17.52)
25.0 (11.36)
1500
4200
CE1500mH
5.63
(143.0)
6.38
(162.1)
6.75
(171.5)
5.31
(135.0)
5.00
(127.0)
.31 x .69
(7.87 x 17.52)
32.0 (14.55)
2000
6000
CE2000mH
5.63
(143.0)
6.38
(162.1)
7.75
(196.9)
5.31
(135.0)
6.00
(152.4)
.31 x .69
(7.87 x 17.52)
37.0 (16.82)
group 7 – 208/240/415/480/600 Volt primary, 120/ - /24 Volt Secondary, 50/60 Hz
200/230/400/460/575 Volt primary, 115/24/23 Volt Secondary, 50/60 Hz
- /220/380/440/550 Volt primary, 110/23/- Volt Secondary, 50/60 Hz
Continuous
Va
Instantaneous
Va 
Catalog
number
Height
in (mm)
Width
in (mm)
depth
in (mm)
mtg
Width
"W"
mtg depth
"d"
Slot Size -
inches (mm)
approx.
Ship Weight lbs
(kg)
440/460/480
550/575/600
H6
H4
H3
H5
380/400/415
220/230/240
-200/208
H2
H1
00
50/60 Hz
X1
X2
X3
X6
NC
X4
24 (575/460/400/230/200)
X5
24 (600/480/415/240/208)
23 (550/440/380/220/-)
120 (600/480/415/240/208)
115 (575/460/400/230/200)
110 (550/440/380/220/-)
750
1875
CE750mC
5.63
(143.0)
6.38
(162.1)
6.00
(152.4)
5.31
(135.0)
4.25
(108.0)
.31 x .69
(7.87 x 17.52)
25 (11.36)
1000
3000
CE1000mC
5.63
(143.0)
6.38
(162.1)
6.75
(171.5)
5.31
(135.0)
5.00
(127.0)
.31 x .69
(7.87 x 17.52)
32 (14.55)
1500
4500
CE1500mC
5.63
(143.0)
6.38
(162.1)
7.75
(196.9)
5.31
(135.0)
6.00
(152.4)
.31 x .69
(7.87 x 17.52)
37 (16.82)
Notes: 24V output 500 VA maximum load. Fuse holders are not available for these voltage configurations.
At 50% PF (Power Factor), 95% Nominal Secondary Voltage.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com