Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R001E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AMK-R001E
Description  Intel Celeron N3350 DC SoC With Dual LAN/ Four USB 3.0/M.2/TPM IoT Gateway Modular Fanless Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R001E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AMK-R001E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R001E Datasheet HTML 2Page - Advantech Co., Ltd. AMK-R001E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
ARK-1124U
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
Ordering Information
Part No.
CPU
RAM
VGA GbE USB
3.0
RS-232/
422/485
Audio
Full-size
MiniPCIe SIM
M.2
2.5" SATA
III HDD Bay
Power
Input
Operating
Temp.
ARK-1124U-S1A1E
Intel Celeron N3350
1.1 GHz Soc
Up to 8GB
1
2
4
2
Lin-out,
Line-in
1
1
1
1
12 VDC
-20 ~ 60
°C
Note: Memory, storage and operating system bundled by request.
On/Off
Line in
Line out
LAN
COM
USB3.0
HDD LED
LAN
COM
DC Input
USB3.0
VGA
On/Off
Line in
Line out
LAN
COM
USB3.0
HDD LED
LAN
COM
DC Input
USB3.0
VGA
Packing List
Part Number
Description
-
1 x ARK-1124U Unit
-
1 x User Manual (Simplified Chinese)
96PSA-A60W12W6
1 x A/D 100-240V 60W 12V C14 LOCKABLE DC PLUG
-
LAN clip
-
Wrench for top cover
Optional Embedded OS
Part Number
Description
2070015302
Win10 IoT Ent LTSB 2016 64bit, ENG
Optional Item for Default SKU
Part Number
Description
1702002600
Power cable 3-pin 183cm, USA type
1702002605
Power cable 3-pin 183cm, EU type
1702031801
Power cable 3-pin 183cm, UK type
1700000237
Power cable 3-pin 183cm, PSE type
AMK-W001E
ARK-112X series Wall mounting kit
AMK-V003E
ARK-112X series VESA mounting kit
AMK-R001E
ARK-112X series DIN-rail mounting kit
133.00
133.00



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com