Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X8DA3 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # X8DA3
Description  Congratulations on purchasing your computer motherboard from an acknowledged leader in the industry
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X8DA3 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button X8DA3 Datasheet HTML 29Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 30Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 31Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 32Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 33Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 34Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 35Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 36Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
Chapter 2: Installation
2-13
Power Button
OH/Fan Fail LED
1
NIC1 LED
Reset Button
2
HDD LED
Power LED
Reset
PWR
Vcc
Vcc
Vcc
Vcc
Ground
Ground
19
20
Vcc
X
Ground
NMI
X
Vcc
PWR Fail LED
NIC2 LED
NIC1/NIC2 LED Indicators
The NIC (Network Interface Control-
ler) LED connection for GLAN port 1 is
located on pins 11 and 12 of JF1, and
the LED connection for GLAN Port 2
is on Pins 9 and 10. Attach the NIC
LED cables to display network activity.
Refer to the table on the right for pin
definitions.
HDD LED
The HDD LED connection is located
on pins 13 and 14 of JF1. Attach a
hard drive LED cable here to display
disk activity (for any hard drive ac-
tivities on the system, including SAS,
Serial ATA and IDE). See the table on
the right for pin definitions.
HDD LED
Pin Definitions (JF1)
Pin#
Definition
13
+5V
14
HD Active
GLAN1/2 LED
Pin Definitions (JF1)
Pin#
Definition
9/11
Vcc
10/12
Ground
A
B
C
A. HDD LED
B. NIC1 LED
C. NIC2 LED
X8DA3/i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com