Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3JB Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # RS3JB
Description  Surface Mount Fast Recovery Recitifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

RS3JB Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  RS3JB Datasheet HTML 1Page - HY ELECTRONIC CORP. RS3JB Datasheet HTML 2Page - HY ELECTRONIC CORP. RS3JB Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
SMB
Fast switching for high efficiency
Low reverse leakage current
RoHS
High current capability
COMPLIANT
Low forward voltage drop
Low cost
Meet UL flammability classification 94V-0
Mechanical Data
Case: JEDEC SMB molded plastic
Polarity: Color band denotes cathode
Mounting position: Any
Note: Products with logo
are made byHY Electronic (Cayman) Limited.
Applications
For use in SMPS, high frequency inverters, PWM and polarity
protection applications
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
RS3AB
RS3BB
RS3DB
RS3GB
RS3JB
RS3KB
RS3MB
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current @TA=50℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
Peak Forward Voltage at 3.0A DC (Note1)
VF
V
Maximum DC Reverse Current @TJ=25℃
at Rated DC Blocking Voltage @TJ=100℃
Maximum Reverse Recovery Time (Note 2)
Trr
250
nS
Typical Junction Capacitance (Note3)
CJ
pF
Typical Thermal Resistance Junction to Lead
RθJL
℃/W
Operating Junction Temperature Range
TJ
Storage Temperature Range
TSTG
4. The typical data above is for reference only.
RS3*B-13-00-00/01
Rev. 11, 18-May-2020
1.3
IFSM
3.0
100
150
500
5.0
IR
-55 to +150
-55 to +150
2. Measured with IF=0.5A,IR=1A,IRR=0.25A .
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
Notes:
1. 300uS pulse width, 2%duty cycle.
15
40
65
100
μA
www.hygroup.com.tw
RS3AB THRU RS3MB
Reverse Voltage - 50 to 1000 Volts
Forward Current - 3.0 Amperes
A
Pb
Surface Mount Fast Recovery Recitifiers
Package Outline Dimensions in Inches (Millimeters)
or


Similar Part No. - RS3JB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RS3JB DIODES-RS3JB Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
Galaxy Semi-Conductor H...
RS3JB BILIN-RS3JB Datasheet
64Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Daya Electric Group Co....
RS3JB DAYA-RS3JB Datasheet
52Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
RS3JB LUGUANG-RS3JB Datasheet
167Kb / 2P
Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
RS3JB TAYCHIPST-RS3JB Datasheet
2Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - RS3JB

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
1N4933 HY-1N4933_V01 Datasheet
827Kb / 3P
Fast Recovery Recitifiers
FDF005S HY-FDF005S Datasheet
281Kb / 3P
Surface Mount Fast Recovery Glass Passivated Recitifiers
FR101 HY-FR101_V01 Datasheet
826Kb / 3P
Fast Recovery Recitifiers
FR301 HY-FR301_V01 Datasheet
342Kb / 3P
Fast Recovery Recitifiers
RS1A HY-RS1A_V01 Datasheet
845Kb / 3P
Surface Mount Fast Recovery Glass Passivated Recitifiers
RS1AA HY-RS1AA_V01 Datasheet
841Kb / 3P
Surface Mount Fast Recovery Recitifiers
RS1AL HY-RS1AL_V01 Datasheet
876Kb / 3P
Surface Mount Fast Recovery Glass Passivated Recitifiers
RS2A HY-RS2A_V01 Datasheet
843Kb / 3P
Surface Mount Fast Recovery Recitifiers
RS2AA HY-RS2AA_V01 Datasheet
847Kb / 3P
Surface Mount Fast Recovery Glass Passivated Recitifiers
RS3A HY-RS3A_V01 Datasheet
1Mb / 3P
Surface Mount Fast Recovery Recitifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com